Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9635 Datasheet HTML 11Page - Analog Devices AD9635 Datasheet HTML 12Page - Analog Devices AD9635 Datasheet HTML 13Page - Analog Devices AD9635 Datasheet HTML 14Page - Analog Devices AD9635 Datasheet HTML 15Page - Analog Devices AD9635 Datasheet HTML 16Page - Analog Devices AD9635 Datasheet HTML 17Page - Analog Devices AD9635 Datasheet HTML 18Page - Analog Devices AD9635 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 14 of 36
Figure 21. DNL; fIN = 9.7 MHz, fSAMPLE = 80 MSPS
Figure 22. Input Referred Noise Histogram; fSAMPLE = 80 MSPS
Figure 23. PSRR vs. Frequency; fCLK = 125 MHz, fSAMPLE = 80 MSPS
Figure 24. SNR/SFDR vs. Sample Rate; fIN = 9.7 MHz, fSAMPLE = 80 MSPS
Figure 25. SNR/SFDR vs. Sample Rate; fIN = 70 MHz, fSAMPLE = 80 MSPS
0.25
–0.15
OUTPUT CODE
–0.10
–0.05
0
0.20
0.15
0.10
0.05
2,500,000
2,000,000
1,500,000
1,000,000
500,000
0
1
2
3
5
4
7
6
CODE
0.41LSB rms
90
0
1
10
FREQUENCY (MHz)
10
20
30
40
50
60
70
80
DRVDD
AVDD
110
0
10
50
30
70
90
SAMPLE RATE (MSPS)
10
20
30
40
60
50
70
90
80
100
SFDR
SNRFS
110
0
10
20
30
40
60
50
70
90
80
100
10
50
30
70
90
SAMPLE RATE (MSPS)
SFDR
SNRFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com