Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9635 Datasheet HTML 13Page - Analog Devices AD9635 Datasheet HTML 14Page - Analog Devices AD9635 Datasheet HTML 15Page - Analog Devices AD9635 Datasheet HTML 16Page - Analog Devices AD9635 Datasheet HTML 17Page - Analog Devices AD9635 Datasheet HTML 18Page - Analog Devices AD9635 Datasheet HTML 19Page - Analog Devices AD9635 Datasheet HTML 20Page - Analog Devices AD9635 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 16 of 36
Figure 32. SNR/SFDR vs. Analog Input Level; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
Figure 33. Two-Tone 16k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz,
fSAMPLE = 125 MSPS
Figure 34. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.5 MHz and fIN2 = 72.5 MHz, fSAMPLE = 125 MSPS
Figure 35. SNR/SFDR vs. fIN; fSAMPLE = 125 MSPS
Figure 36. SNR/SFDR vs. Temperature; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
Figure 37. INL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
120
–20
–90
0
INPUT AMPLITUDE (dBFS)
SFDRFS
SFDR
SNRFS
SNR
0
20
40
60
80
100
–80
–70
–60
–50
–40
–30
–20
–10
0
–140
–120
–100
–80
–60
–40
–20
0
20
40
60
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 89.1dBc
IMD2 = –93.9dBc
IMD3 = –91.6dBc
0
–20
–40
–60
–80
–100
–120
–90
–10
–30
–50
–70
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
110
0
0
260
INPUT FREQUENCY (MHz)
70
10
20
30
40
50
60
80
90
100
100 120 140
80
20
40
60
240
160 180 200 220
SFDR
SNR
120
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
100
110
SNR
SFDR
0.4
–0.4
OUTPUT CODE
–0.3
–0.2
–0.1
0
0.1
0.2
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com