Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9635 Datasheet HTML 18Page - Analog Devices AD9635 Datasheet HTML 19Page - Analog Devices AD9635 Datasheet HTML 20Page - Analog Devices AD9635 Datasheet HTML 21Page - Analog Devices AD9635 Datasheet HTML 22Page - Analog Devices AD9635 Datasheet HTML 23Page - Analog Devices AD9635 Datasheet HTML 24Page - Analog Devices AD9635 Datasheet HTML 25Page - Analog Devices AD9635 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
AD9635
Rev. B | Page 21 of 36
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9635 sample clock inputs,
CLK+ and CLK−, with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally (see Figure 44) and
require no external bias.
Clock Input Options
The AD9635 has a flexible clock input structure. The clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless
of the type of signal being used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 57 and Figure 58 show two preferred methods for clocking
the AD9635 (at clock rates up to 1 GHz prior to the internal clock
divider). A low jitter clock source is converted from a single-ended
signal to a differential signal using either an RF transformer or an
RF balun.
Figure 57. Transformer-Coupled Differential Clock (Up to 200 MHz)
Figure 58. Balun-Coupled Differential Clock (Up to 1 GHz)
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 1 GHz, and the RF transformer configu-
ration is recommended for clock frequencies from 10 MHz to
200 MHz. The back-to-back Schottky diodes across the
transformer/balun secondary winding limit clock excursions
into the AD9635 to approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD9635 while preserving
the fast rise and fall times of the signal that are critical to achieving
low jitter performance. However, the diode capacitance comes into
play at frequencies above 500 MHz. Care must be taken when
choosing the appropriate signal limiting diode.
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 59. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-0/AD9516-1/AD9516-2/
AD9516-3/AD9516-4/AD9516-5/AD9517-0/AD9517-1/
AD9517-2/AD9517-3/AD9517-4 clock drivers offer excellent
jitter performance.
Figure 59. Differential PECL Sample Clock (Up to 1 GHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 60. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-0/
AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5/
AD9517-0/AD9517-1/AD9517-2/AD9517-3/AD9517-4 clock
drivers offer excellent jitter performance.
Figure 60. Differential LVDS Sample Clock (Up to 1 GHz)
In some applications, it may be acceptable to drive the sample clock
inputs with a single-ended 1.8 V CMOS signal. In such applica-
tions, drive the CLK+ pin directly from a CMOS gate, and bypass
the CLK− pin to ground with a 0.1 μF capacitor (see Figure 61).
Figure 61. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9635 contains an input clock divider that can divide the
input clock by integer values from 1 to 8. To achieve a given sample
rate, the frequency of the externally applied clock must be multi-
plied by the divide value. The increased rate of the external clock
normally results in lower clock jitter, which is beneficial for IF
undersampling applications.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
0.1µF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com