Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9635 Datasheet HTML 25Page - Analog Devices AD9635 Datasheet HTML 26Page - Analog Devices AD9635 Datasheet HTML 27Page - Analog Devices AD9635 Datasheet HTML 28Page - Analog Devices AD9635 Datasheet HTML 29Page - Analog Devices AD9635 Datasheet HTML 30Page - Analog Devices AD9635 Datasheet HTML 31Page - Analog Devices AD9635 Datasheet HTML 32Page - Analog Devices AD9635 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 28 of 36
HARDWARE INTERFACE
The pins described in Table 14 comprise the physical interface
between the user programming device and the serial port of the
AD9635. The SCLK/DFS pin and the CSB pin function as inputs
when using the SPI interface. The SDIO/PDWN pin is bidirec-
tional, functioning as an input during write phases and as an
output during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK/DFS signal, the CSB signal, and the SDIO/PDWN signal
are typically asynchronous to the ADC clock, noise from these
signals can degrade converter performance. If the on-board SPI
bus is used for other devices, it may be necessary to provide buffers
between this bus and the AD9635 to prevent these signals from
transitioning at the converter inputs during critical sampling
periods.
The SCLK/DFS and SDIO/PDWN pins serve a dual function
when the SPI interface is not being used. When the pins are
strapped to DRVDD or ground during device power-on, they
are associated with a specific function. Table 12 and Table 13
describe the strappable functions supported on the AD9635.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SCLK/DFS pin and the SDIO/PDWN pin serve as standalone
CMOS-compatible control pins. When the device is powered up,
it is assumed that the user intends to use the pins as static control
lines for the output data format and power-down feature control.
In this mode, CSB should be connected to DRVDD, which
disables the serial port interface.
Note that in non-SPI mode (CSB tied to DRVDD), the power-up
sequence described in the Power and Ground Guidelines section
must be adhered to. Violating the power-up sequence necessitates
a soft reset via the SPI, which is not possible in non-SPI mode.
SPI ACCESSIBLE FEATURES
Table 15 provides a brief description of the general features that
are accessible via the SPI. These features are described in
general in the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI. The AD9635 part-specific features are described in
detail in Table 16, the external memory map register table, and the
following text.
Table 15. Features Accessible Using the SPI
Feature Name
Description
Power Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS, set the
clock divider, and set the clock divider phase
Offset
Allows the user to digitally adjust the
converter offset
Test I/O
Allows the user to set test modes to have
known data on output bits
Output Mode
Allows the user to set the output mode
Output Phase
Allows the user to set the output clock polarity
ADC Resolution
Allows for power consumption scaling with
respect to sample rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com