Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 3 Page - Analog Devices

  AD9635 Datasheet HTML 1Page - Analog Devices AD9635 Datasheet HTML 2Page - Analog Devices AD9635 Datasheet HTML 3Page - Analog Devices AD9635 Datasheet HTML 4Page - Analog Devices AD9635 Datasheet HTML 5Page - Analog Devices AD9635 Datasheet HTML 6Page - Analog Devices AD9635 Datasheet HTML 7Page - Analog Devices AD9635 Datasheet HTML 8Page - Analog Devices AD9635 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
DC Specifications ......................................................................... 3
AC Specifications.......................................................................... 4
Digital Specifications ................................................................... 5
Switching Specifications .............................................................. 6
Timing Specifications .................................................................. 6
Absolute Maximum Ratings.......................................................... 10
Thermal Resistance .................................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 12
AD9635-80................................................................................... 12
AD9635-125................................................................................. 15
Equivalent Circuits......................................................................... 18
Theory of Operation ...................................................................... 19
Analog Input Considerations.................................................... 19
Voltage Reference ....................................................................... 20
Clock Input Considerations...................................................... 21
Power Dissipation and Power-Down Mode ........................... 22
Digital Outputs and Timing ..................................................... 23
Output Test Modes..................................................................... 26
Serial Port Interface (SPI).............................................................. 27
Configuration Using the SPI..................................................... 27
Hardware Interface..................................................................... 28
Configuration Without the SPI ................................................ 28
SPI Accessible Features.............................................................. 28
Memory Map .................................................................................. 29
Reading the Memory Map Register Table............................... 29
Memory Map Register Table..................................................... 30
Memory Map Register Descriptions........................................ 33
Applications Information .............................................................. 35
Design Guidelines ...................................................................... 35
Power and Ground Guidelines ................................................. 35
Clock Stability Considerations ................................................. 35
Exposed Pad Thermal Heat Slug Recommendations............ 35
VCM............................................................................................. 35
Reference Decoupling................................................................ 35
SPI Port........................................................................................ 35
Outline Dimensions....................................................................... 36
Ordering Guide .......................................................................... 36
REVISION HISTORY
10/15—Rev. A to Rev. B
Changed tSAMPLE/16 to tSAMPLE/12, AD9516 to AD9516-0/
AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5,
and AD9517 to AD9517-0/AD9517-1/AD9517-2/AD9517-3/
AD9517-4 ....................................................................... Throughout
Changes to General Description Section ...................................... 1
Added Endnote 4, Table 4 ............................................................... 6
Changes to Digital Outputs and Timing Section ....................... 25
8/14—Rev. 0 to Rev. A
Added Propagation Delay Parameters of 1.5 ns (min)
and 3.1 ns (max), Table 4................................................................. 6
Changes to Figure 2 and Figure 3................................................... 7
Changes to Figure 4 and Figure 5................................................... 8
Changes to Pin 21 Description..................................................... 11
Changes to Voltage Reference Section......................................... 20
Changes to Table 11 ....................................................................... 25
Changes to First Paragraph of Serial Port Interface (SPI)
Section.............................................................................................. 27
Changes to SPI Accessible Features Section ............................... 28
Changes to Output Phase (Register 0x16) Bits[6:4]—Input
Clock Phase Adjust Section........................................................... 33
Changes to Resolution/Sample Rate Override (Register 0x100)
Section and User I/O Control 3 (Register 0x102) Bit 3—VCM
Power-Down Section ..................................................................... 34
Added Clock Stability Considerations Section........................... 35
6/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com