Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9635 Datasheet HTML 29Page - Analog Devices AD9635 Datasheet HTML 30Page - Analog Devices AD9635 Datasheet HTML 31Page - Analog Devices AD9635 Datasheet HTML 32Page - Analog Devices AD9635 Datasheet HTML 33Page - Analog Devices AD9635 Datasheet HTML 34Page - Analog Devices AD9635 Datasheet HTML 35Page - Analog Devices AD9635 Datasheet HTML 36Page - Analog Devices AD9635 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Data Sheet
AD9635
Rev. B | Page 33 of 36
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Device Index (Register 0x05)
There are certain features in the map that can be set indepen-
dently for each channel, whereas other features apply globally
to all channels (depending on context), regardless of which is
selected. Bits[1:0] in Register 0x05 can be used to select which
individual data channel is affected. The output clock channels
can be selected in Register 0x05, as well. A smaller subset of the
independent feature list can be applied to those devices.
Transfer (Register 0xFF)
All registers except Register 0x100 are updated the moment they
are written. Setting Bit 0 of Register 0xFF high initializes the
settings in the ADC sample rate override register (Address 0x100).
Power Modes (Register 0x08)
Bits[7:2]—Open
Bits[1:0]—Power Mode
In normal operation (Bits[1:0] = 00), both ADC channels are
active.
In power-down mode (Bits[1:0] = 01), the digital datapath clocks
are disabled while the digital datapath is reset. Outputs are disabled.
In standby mode (Bits[1:0] = 10), the digital datapath clocks
and the outputs are disabled.
During a digital reset (Bits[1:0] = 11), all the digital datapath clocks
and the outputs (where applicable) on the chip are reset, except the
SPI port. Note that the SPI is always left under control of the user;
that is, it is never automatically disabled or in reset (except by
power-on reset).
Enhancement Control (Register 0x0C)
Bits[7:3]—Open
Bit 2—Chop Mode
For applications that are sensitive to offset voltages and other
low frequency noise, such as homodyne or direct conversion
receivers, chopping in the first stage of the AD9635 is a feature
that can be enabled by setting Bit 2. In the frequency domain,
chopping translates offsets and other low frequency noise to
fCLK/2, where it can be filtered.
Bits[1:0]—Open
Output Mode (Register 0x14)
Bit 7—Open
Bit 6—LVDS-ANSI/LVDS-IEEE Option
Setting this bit selects the LVDS-IEEE (reduced range) option.
The default setting is LVDS-ANSI. When LVDS-ANSI or the
LVDS-IEEE reduced range link is selected, the user can select
the driver termination (see Table 17). The driver current is
automatically selected to give the proper output swing.
Table 17. LVDS-ANSI/LVDS-IEEE Options
Output
Mode,
Bit 6
Output
Mode
Output Driver
Termination
Output Driver Current
0
LVDS-ANSI
User selectable
Automatically selected to
give proper swing
1
LVDS-IEEE
reduced
range link
User selectable
Automatically selected to
give proper swing
Bits[5:3]—Open
Bit 2—Output Invert
Setting this bit inverts the output bit stream.
Bit 1—Open
Bit 0—Output Format
By default, this bit is set to send the data output in twos
complement format. Clearing this bit to 0 changes the output
mode to offset binary.
Output Adjust (Register 0x15)
Bits[7:6]—Open
Bits[5:4]—Output Driver Termination
These bits allow the user to select the internal termination resistor.
Bits[3:1]—Open
Bit 0—Output Drive
Bit 0 of the output adjust register controls the drive strength on
the LVDS driver of the FCO and DCO outputs only. The default
values set the drive to 1×, or the drive can be increased to 2× by
setting the appropriate channel bit in Register 0x05 and then
setting Bit 0. These features cannot be used with the output
driver termination select. The termination selection takes
precedence over the 2× driver strength on FCO and DCO when
both the output driver termination and output drive are selected.
Output Phase (Register 0x16)
Bit 7—Open
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] determine at which phase of the external clock sampling
occurs. This is only applicable when the clock divider is used.
Setting Bits[6:4] greater than Register 0x0B, Bits[2:0] is
prohibited.
Table 18. Input Clock Phase Adjust Options
Input Clock Phase Adjust,
Bits[6:4]
Number of Input Clock Cycles
of Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com