Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9635 Datasheet HTML 7Page - Analog Devices AD9635 Datasheet HTML 8Page - Analog Devices AD9635 Datasheet HTML 9Page - Analog Devices AD9635 Datasheet HTML 10Page - Analog Devices AD9635 Datasheet HTML 11Page - Analog Devices AD9635 Datasheet HTML 12Page - Analog Devices AD9635 Datasheet HTML 13Page - Analog Devices AD9635 Datasheet HTML 14Page - Analog Devices AD9635 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 10 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
Digital Outputs to AGND
(D0x±, D1x±, DCO+, DCO−,
FCO+, FCO−)
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VINx+, VINx− to AGND
−0.3 V to +2.0 V
SCLK/DFS, SDIO/PDWN, CSB to AGND
−0.3 V to +2.0 V
RBIAS to AGND
−0.3 V to +2.0 V
VREF to AGND
−0.3 V to +2.0 V
VCM to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The exposed paddle is the only ground connection on the chip.
The exposed paddle must be soldered to the AGND plane of the
user’s circuit board. Soldering the exposed paddle to the user’s
board also increases the reliability of the solder joints and
maximizes the thermal capability of the package.
Table 7. Thermal Resistance
Package Type
Airflow
Velocity
(m/sec)
θJA1, 2
θJC1,3
θJB1, 4
ΨJT1, 2
Unit
32-Lead LFCSP,
5 mm × 5 mm
0
37.1
3.1
20.7
0.3
°C/W
1.0
32.4
0.5
°C/W
2.5
29.1
0.8
°C/W
1
Per JEDEC JESD51-7, plus JEDEC JESD51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-STD 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown in Table 7, airflow improves heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes reduces the θJA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com