Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9212 Datasheet HTML 42Page - Analog Devices AD9212 Datasheet HTML 43Page - Analog Devices AD9212 Datasheet HTML 44Page - Analog Devices AD9212 Datasheet HTML 45Page - Analog Devices AD9212 Datasheet HTML 46Page - Analog Devices AD9212 Datasheet HTML 47Page - Analog Devices AD9212 Datasheet HTML 48Page - Analog Devices AD9212 Datasheet HTML 49Page - Analog Devices AD9212 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 45 of 56
CW
CW
COM4
INH4
LMD4
COM4X
LON4
LOP4
VIP4
VIN4
VPS4
HILO
VPS1
VIN1
VIP1
LOP1
LON1
COM1X
LMD1
INH1
COM1
NC
COM2
VCM2
COM3
VCM3
VCM4
VCM1
GAIN12
CLMP12
EN12
EN34
CLMP34
GAIN34
External
Variable Gain Drive
Variable Gain Circuit
(0
−1.0V DC)
External
Variable Gain Drive
Variable Gain Circuit
(0
−1.0V DC)
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
64
10k
Ω
R604
10k
Ω
R612
AVDD_5V
AVDD_5V
VG78
0.1µF
C605
22pF
C603
VG56
C612
10µF
AVDD_5V
0.1µF
C601
187
Ω
R613
274
Ω
R603
0.018µF
C602
L601
120nH
0.1µF
C609
10k
Ω
R605
C610
10µF
AVDD_5V
VG56
VG56
GND
0.1µF
C611
22pF
C614
0.1µF
C613
L602
120nH
274
Ω
R607
0.018µF
C615
22pF
C620
0.1µF
C619
L603
120nH
274
Ω
R608
C621
C626
22pF
C625
0.1µF
L604
120nH
R609
274
Ω
C627
0.018µF
0.1µF
0.1µF
C636
10µF
C634
C633
10µF
AVDD_5V
VG78
VG78
GND
10k
Ω
R611
C635
0.018µF
Figure 79. Evaluation Board Schematic, Optional DUT Analog Input Drive (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com