Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9212 Datasheet HTML 14Page - Analog Devices AD9212 Datasheet HTML 15Page - Analog Devices AD9212 Datasheet HTML 16Page - Analog Devices AD9212 Datasheet HTML 17Page - Analog Devices AD9212 Datasheet HTML 18Page - Analog Devices AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices AD9212 Datasheet HTML 21Page - Analog Devices AD9212 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 17 of 56
0
100
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SNR
10
20
30
40
50
60
70
90
80
70dB REFERENCE
SFDR
Figure 27. SNR/SFDR vs. Analog Input Level, fIN = 10.3 MHz, AD9212-65
0
10
20
30
40
50
60
70
90
80
100
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SNR
SFDR
70dB REFERENCE
Figure 28. SNR/SFDR vs. Analog Input Level, fIN = 35 MHz, AD9212-65
–120
–100
–80
–60
–40
–20
0
0
24
68
10
12
14
16
18
20
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 84.8dB
IMD2 = 83.66dBc
IMD3 = 84.6dBc
Figure 29. Two-Tone 32k FFT with fIN1 = 15 MHz and fIN2 = 16 MHz,
AD9212-40
–120
–100
–80
–60
–40
–20
0
0
24
68
10
12
14
16
18
20
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 76.7dB
IMD2 = 83.38dBc
IMD3 = 77.21dBc
Figure 30. Two-Tone 32k FFT with fIN1 = 70 MHz and fIN2 = 71 MHz,
AD9212-40
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 77.4dB
IMD2 = 77.92dBc
IMD3 = 76.9dBc
Figure 31. Two-Tone 32k FFT with fIN1 = 15 MHz and
fIN2 = 16 MHz, AD9212-65
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 72.5dB
IMD2 = 77.14dBc
IMD3 = 72.55dBc
Figure 32. Two-Tone 32k FFT with fIN1 = 70 MHz and
fIN2 = 71 MHz, AD9212- 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com