Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9212 Datasheet HTML 13Page - Analog Devices AD9212 Datasheet HTML 14Page - Analog Devices AD9212 Datasheet HTML 15Page - Analog Devices AD9212 Datasheet HTML 16Page - Analog Devices AD9212 Datasheet HTML 17Page - Analog Devices AD9212 Datasheet HTML 18Page - Analog Devices AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices AD9212 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 16 of 56
90
80
85
75
70
65
60
55
50
10
40
35
30
25
20
15
ENCODE RATE (MSPS)
SFDR
SNR
Figure 21. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz, AD9212-40
90
80
85
75
70
65
60
55
50
10
40
35
30
25
20
15
ENCODE RATE (MSPS)
SFDR
SNR
Figure 22. SNR/SFDR vs. fSAMPLE, fIN = 19.7 MHz, AD9212-40
90
80
85
75
70
65
60
55
50
10
60
50
40
30
20
ENCODE RATE (MSPS)
SFDR
SNR
Figure 23. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz, AD9212-65
90
80
85
75
70
65
60
55
50
10
60
50
40
30
20
ENCODE RATE (MSPS)
SFDR
SNR
Figure 24. SNR/SFDR vs. fSAMPLE, fIN = 35 MHz, AD9212-65
10
20
30
40
50
60
70
90
80
0
100
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SNR
SFDR
70dB REFERENCE
Figure 25. SNR/SFDR vs. Analog Input Level, fIN = 10.3 MHz, AD9212-40
10
20
30
40
50
60
70
90
80
0
100
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SNR
SFDR
70dB REFERENCE
Figure 26. SNR/SFDR vs. Analog Input Level, fIN = 35 MHz, AD9212-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com