Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9212 Datasheet HTML 16Page - Analog Devices AD9212 Datasheet HTML 17Page - Analog Devices AD9212 Datasheet HTML 18Page - Analog Devices AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices AD9212 Datasheet HTML 21Page - Analog Devices AD9212 Datasheet HTML 22Page - Analog Devices AD9212 Datasheet HTML 23Page - Analog Devices AD9212 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 19 of 56
0
0.5
1.0
1.5
2.0
2.5
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
CODE
0.096 LSB rms
Figure 39. Input-Referred Noise Histogram, AD9212-65
–120
0
–20
–40
–60
–80
–100
0
510
15
20
25
FREQUENCY (MHz)
NPR = 51.13dB
NOTCH = 18.0MHz
NOTCH WIDTH = 3.0MHz
Figure 40. Noise Power Ratio (NPR), AD9212- 65
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0500
450
400
350
300
250
200
150
100
50
FREQUENCY (MHz)
–3dB BANDWIDTH = 325MHz
Figure 41. Full Power Bandwidth vs. Frequency, AD9212-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com