Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9212 Datasheet HTML 15Page - Analog Devices AD9212 Datasheet HTML 16Page - Analog Devices AD9212 Datasheet HTML 17Page - Analog Devices AD9212 Datasheet HTML 18Page - Analog Devices AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices AD9212 Datasheet HTML 21Page - Analog Devices AD9212 Datasheet HTML 22Page - Analog Devices AD9212 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 18 of 56
50
55
60
65
70
75
80
1
10
100
1000
ANALOG INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 33. SNR/SFDR vs. fIN, AD9212-65
50
55
65
60
70
75
80
85
90
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
SFDR
SINAD
Figure 34. SINAD/SFDR vs. Temperature, fIN = 10.3 MHz, AD9212-40
50
55
65
60
70
75
80
85
90
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
SFDR
SINAD
Figure 35. SINAD/SFDR vs. Temperature, fIN = 10.3 MHz, AD9212-65
0.5
–0.5
0
CODE
0.3
0.4
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1000
200
400
600
800
Figure 36. INL, fIN = 2.3 MHz, AD9212-65
0.5
–0.5
0
CODE
0.3
0.4
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1000
200
400
600
800
Figure 37. DNL, fIN = 2.3 MHz, AD9212-65
FREQUENCY (MHz)
–70
–30
0
5
10
15
20
25
30
35
40
–65
–60
–55
–50
–45
–40
–35
Figure 38. CMRR vs. Frequency, AD9212-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com