Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices AD9212 Datasheet HTML 21Page - Analog Devices AD9212 Datasheet HTML 22Page - Analog Devices AD9212 Datasheet HTML 23Page - Analog Devices AD9212 Datasheet HTML 24Page - Analog Devices AD9212 Datasheet HTML 25Page - Analog Devices AD9212 Datasheet HTML 26Page - Analog Devices AD9212 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 22 of 56
For best dynamic performance, the source impedances driving
VIN + x and VIN − x should be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference buffer
creates the positive and negative reference voltages, REFT and
REFB, respectively, that define the span of the ADC core. The
output common mode of the reference buffer is set to midsupply,
and the REFT and REFB voltages and span are defined as
REFT = 1/2 (AVDD + VREF)
REFB = 1/2 (AVDD − VREF)
Span = 2 × (REFT − REFB) = 2 × VREF
It can be seen from these equations that the REFT and REFB
voltages are symmetrical about the midsupply voltage and, by
definition, the input span is twice the value of the VREF voltage.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9212, the largest input span available is 2 V p-p.
Differential Input Configurations
There are several ways to drive the AD9212 either actively or
passively; however, optimum performance is achieved by driving
the analog input differentially. For example, using the AD8334
differential driver to drive the AD9212 provides excellent perfor-
mance and a flexible interface to the ADC (see Figure 50) for
baseband applications. This configuration is commonly used
for medical ultrasound systems.
For applications where SNR is a key parameter, differential
transformer coupling is the recommended input configuration
(see Figure 47 and Figure 48), because the noise performance of
most amplifiers is not adequate to achieve the true performance
of the AD9212.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
2V p-p
R
R
CDIFF1
C
1CDIFF IS OPTIONAL.
49.9Ω
0.1μF
1kΩ
1kΩ
AGND
AVDD
ADT1-1WT
1:1 Z RATIO
VIN – x
ADC
AD9212
VIN + x
C
Figure 47. Differential Transformer-Coupled Configuration
for Baseband Applications
ADC
AD9212
2V p-p
2.2pF
1kΩ
0.1μF
1kΩ
1kΩ
AVDD
ADT1-1WT
1:1 Z RATIO
16nH
16nH
0.1μF
16nH
33Ω
33Ω
499Ω
65Ω
VIN+x
VIN– x
Figure 48. Differential Transformer-Coupled Configuration for IF Applications
Single-Ended Input Configuration
A single-ended input may provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input common-
mode swing. If the application requires a single-ended input
configuration, ensure that the source impedances on each input
are well matched in order to achieve the best possible performance.
A full-scale input of 2 V p-p can still be applied to the ADC’s
VIN + x pin while the VIN − x pin is terminated. Figure 49
details a typical single-ended input configuration.
2V p-p
R
R
49.9Ω
0.1µF
0.1µF
AVDD
1kΩ 25Ω
1kΩ
1kΩ
1kΩ
AVDD
VIN – x
ADC
AD9212
VIN + x
CDIFF1
C
1CDIFF IS OPTIONAL.
C
Figure 49. Single-Ended Input Configuration
AD8334
1.0kΩ
1.0kΩ
374Ω
187Ω
R
R
C
0.1μF
187Ω
0.1μF
0.1μF
0.1μF
0.1μF10μF
0.1μF
1V p-p
0.1μF
LNA
120nH
VGA
VOH
VIP
INH
22pF
LMD
VIN
LOP
LON
VOL
18nF
274Ω
VIN – x
ADC
AD9212
VIN + x
1kΩ
1kΩ
AVDD
Figure 50. Differential Input Configuration Using the AD8334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com