Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9212 Datasheet HTML 30Page - Analog Devices AD9212 Datasheet HTML 31Page - Analog Devices AD9212 Datasheet HTML 32Page - Analog Devices AD9212 Datasheet HTML 33Page - Analog Devices AD9212 Datasheet HTML 34Page - Analog Devices AD9212 Datasheet HTML 35Page - Analog Devices AD9212 Datasheet HTML 36Page - Analog Devices AD9212 Datasheet HTML 37Page - Analog Devices AD9212 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 33 of 56
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table (Table 16) has eight
address locations. The memory map is divided into three sections:
the chip configuration register map (Address 0x00 to Address 0x02),
the device index and transfer register map (Address 0x04,
Address 0x05, and Address 0xFF), and the ADC functions register
map (Address 0x08 to Address 0x22).
The leftmost column of the memory map indicates the register
address number; the default value is shown in the second right-
most column. The Bit 7 column is the start of the default
hexadecimal value given. For example, Address 0x09, the clock
register, has a default value of 0x01, meaning Bit 7 = 0, Bit 6 = 0,
Bit 5 = 0, Bit 4 = 0, Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and Bit 0 = 1, or
0000 0001 in binary. This setting is the default for the duty cycle
stabilizer in the on condition. By writing 0 to Bit 0 of this address
followed by writing 0x01 in Register 0xFF (transfer bit), the duty
cycle stabilizer turns off. It is important to follow each writing
sequence with a transfer bit to update the SPI registers. All
registers, except Register 0x00, Register 0x04, Register 0x05, and
Register 0xFF, are buffered with a master-slave latch and require
writing to the transfer bit. For more information on this and
other functions, consult the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
RESERVED LOCATIONS
Undefined memory locations should not be written to except
when writing the default values suggested in this data sheet.
Addresses that have values marked as 0 should be considered
reserved and have 0 written to their registers during power-up.
DEFAULT VALUES
When the AD9212 comes out of a reset, critical registers are
preloaded with default values. These values are indicated in
Table 16, where an X refers to an undefined feature.
LOGIC LEVELS
An explanation of various registers follows: “bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “clear a bit” is synonymous with “bit is set to
Logic 0” or “writing Logic 0 for the bit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com