Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9212 Datasheet HTML 8Page - Analog Devices AD9212 Datasheet HTML 9Page - Analog Devices AD9212 Datasheet HTML 10Page - Analog Devices AD9212 Datasheet HTML 11Page - Analog Devices AD9212 Datasheet HTML 12Page - Analog Devices AD9212 Datasheet HTML 13Page - Analog Devices AD9212 Datasheet HTML 14Page - Analog Devices AD9212 Datasheet HTML 15Page - Analog Devices AD9212 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 11 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO ANALOG GROUND
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD
VIN + G
VIN – G
AVDD
VIN – H
VIN + H
AVDD
AVDD
CLK–
CLK+
AVDD
AVDD
DRGND
DRVDD
D – H
D + H
AVDD
VIN + B
VIN – B
AVDD
VIN – A
VIN + A
AVDD
PDWN
CSB
SDIO/ODM
SCLK/DTP
AVDD
DRGND
DRVDD
D + A
D – A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9212
TOP VIEW
(Not to Scale)
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
Figure 5. 64-Lead LFCSP Pin Configuration, Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle)
1, 4, 7, 8, 11,
12, 37, 42, 45,
48, 51, 59, 62
AVDD
1.8 V Analog Supply
13, 36
DRGND
Digital Output Driver Ground
14, 35
DRVDD
1.8 V Digital Output Driver Supply
2
VIN + G
ADC G Analog Input True
3
VIN − G
ADC G Analog Input Complement
5
VIN − H
ADC H Analog Input Complement
6
VIN + H
ADC H Analog Input True
9
CLK−
Input Clock Complement
10
CLK+
Input Clock True
15
D − H
ADC H Digital Output Complement
16
D + H
ADC H Digital Output True
17
D − G
ADC G Digital Output Complement
18
D + G
ADC G Digital Output True
19
D − F
ADC F Digital Output Complement
20
D + F
ADC F Digital Output True
21
D − E
ADC E Digital Output Complement
22
D + E
ADC E Digital Output True
23
DCO−
Data Clock Digital Output Complement
24
DCO+
Data Clock Digital Output True
25
FCO−
Frame Clock Digital Output Complement
26
FCO+
Frame Clock Digital Output True
27
D − D
ADC D Digital Output Complement
28
D + D
ADC D Digital Output True
29
D − C
ADC C Digital Output Complement
30
D + C
ADC C Digital Output True
31
D − B
ADC B Digital Output Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com