Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9212 Datasheet HTML 12Page - Analog Devices AD9212 Datasheet HTML 13Page - Analog Devices AD9212 Datasheet HTML 14Page - Analog Devices AD9212 Datasheet HTML 15Page - Analog Devices AD9212 Datasheet HTML 16Page - Analog Devices AD9212 Datasheet HTML 17Page - Analog Devices AD9212 Datasheet HTML 18Page - Analog Devices AD9212 Datasheet HTML 19Page - Analog Devices AD9212 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 15 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
–120
–100
–80
–60
–40
–20
0
AIN = –0.5dBFS
SNR = 60.08dB
ENOB = 9.61
SFDR = 71.68dBc
0
5
10
15
20
25
30
FREQUENCY (MHz)
Figure 15. Single-Tone 32k FFT with fIN = 2.3 MHz, AD9212-40
–120
–100
–80
–60
–40
–20
0
0
2
6
10
14
18
4
8
12
16
20
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 61.17dB
ENOB = 9.85
SFDR = 81.27dBc
Figure 16. Single-Tone 32k FFT with fIN = 19.7 MHz, AD9212-40
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 60.48dB
ENOB = 9.72
SFDR = 76.84dBc
Figure 17. Single-Tone 32k FFT with fIN = 2.3 MHz, AD9212-65
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 60.41dB
ENOB = 9.7
SFDR = 76.11dBc
Figure 18. Single-Tone 32k FFT with fIN = 35 MHz, AD9212-65
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 60.25dB
ENOB = 9.66
SFDR = 72.45dBc
Figure 19. Single-Tone 32k FFT with fIN = 70 MHz, AD9212-65
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 60.08dB
ENOB = 9.61
SFDR = 71.68dBc
Figure 20. Single-Tone 32k FFT with fIN = 120 MHz, AD9212-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com