Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9212
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9212 Datasheet HTML 48Page - Analog Devices AD9212 Datasheet HTML 49Page - Analog Devices AD9212 Datasheet HTML 50Page - Analog Devices AD9212 Datasheet HTML 51Page - Analog Devices AD9212 Datasheet HTML 52Page - Analog Devices AD9212 Datasheet HTML 53Page - Analog Devices AD9212 Datasheet HTML 54Page - Analog Devices AD9212 Datasheet HTML 55Page - Analog Devices AD9212 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Data Sheet
AD9212
Rev. E | Page 51 of 56
Table 17. Evaluation Board Bill of Materials (BOM)1
Item
Qty
per
Board
Reference
Designator
Device
Package
Value
Manufacturer
Manufacturer
Part Number
1
1
AD9212LFCSP_REVA
PCB
PCB
PCB
2
118
C101, C102, C107,
C108, C109, C114,
C115, C116, C121,
C122, C123, C128,
C201, C202, C207,
C208, C209, C214,
C215, C216, C221,
C222, C223, C228,
C301, C302, C304,
C305, C306, C401,
C402, C403, C409,
C410, C411, C412,
C413, C414, C415,
C416, C417, C418,
C501, C504, C505,
C506, C508, C509,
C511, C513, C518,
C519, C522, C523,
C524, C525, C528,
C529, C530, C532,
C534, C536, C537,
C538, C601, C604,
C605, C606, C608,
C609, C611, C613,
C616, C617, C618,
C619, C622, C623,
C624, C625, C628,
C629, C630, C632,
C634, C636, C701,
C702, C703, C706,
C708, C710, C712,
C723, C724, C725,
C726, C727, C730,
C731, C732, C733,
C734, C735, C740,
C741, C742, C743,
C744, C745, C746,
C747, C748, C749,
C750, C751, C752,
C753
Capacitor
402
0.1 μF, ceramic, X5R,
10 V, 10% tol
Murata
GRM155R71C104KA88D
3
8
C104, C111, C118,
C125, C204, C211,
C218, C225
Capacitor
402
2.2 pF, ceramic, COG,
0.25 pF tol, 50 V
Murata
GRM1555C1H2R20CZ01D
4
8
C510, C512, C533,
C535, C610, C612,
C633, C635
Capacitor
805
10 μF, 6.3 V ±10%,
ceramic, X5R
Murata
GRM219R60J106KE19D
5
1
C303
Capacitor
603
4.7 μF, ceramic, X5R,
6.3 V, 10% tol
Murata
GRM188R60J475KE19D
6
4
C507, C531, C607,
C631
Capacitor
402
1000 pF, ceramic, X7R,
25 V, 10% tol
Murata
GRM155R71H102KA01D
7
8
C502, C515, C521,
C527, C602, C615,
C621, C627
Capacitor
402
0.018 μF, ceramic, X7R,
16 V, 10% tol
AVX
0402YC183KAT2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com