Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9445 Datasheet HTML 8Page - Analog Devices AD9445 Datasheet HTML 9Page - Analog Devices AD9445 Datasheet HTML 10Page - Analog Devices AD9445 Datasheet HTML 11Page - Analog Devices AD9445 Datasheet HTML 12Page - Analog Devices AD9445 Datasheet HTML 13Page - Analog Devices AD9445 Datasheet HTML 14Page - Analog Devices AD9445 Datasheet HTML 15Page - Analog Devices AD9445 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AD9445
Rev. 0 | Page 11 of 40
Table 7. Pin Function Descriptions—100-Lead TQFP/EP in LVDS Mode
Pin No.
Mnemonic
Description
1
DCS MODE
Clock Duty Cycle Stabilizer (DCS) Control Pin. CMOS compatible. DCS = low (AGND) to
enable DCS (recommended); DCS = high (AVDD1) to disable DCS.
2, 49 to 52
DNC
Do Not Connect. These pins should float.
3
OUTPUT MODE
CMOS-Compatible Output Logic Mode Control Pin. OUTPUT MODE = 0 for CMOS mode;
OUTPUT MODE = 1 (AVDD1) for LVDS outputs.
4
DFS
Data Format Select Pin. CMOS control pin that determines the format of the output data.
DFS = high (AVDD1) for twos complement; DFS = low (ground) for offset binary format.
5
LVDS_BIAS
Set Pin for LVDS Output Current. Place 3.7 kΩ resistor terminated to DRGND.
6, 18 to 20, 32 to 34, 36, 38,
43 to 45, 92 to 97
AVDD1
3.3 V (±5%) Analog Supply.
7
SENSE
Reference Mode Selection. Connect to AGND for internal 1 V reference; connect to
AVDD1 for external reference.
8
VREF
1.0 V Reference I/O. Function dependent on SENSE and external programming resistors.
Decouple to ground with 0.1 μF and 10 μF capacitors.
9, 21, 24, 39, 42, 46, 91, 98, 99,
Exposed Heat Sink
AGND
Analog Ground. The exposed heat sink on the bottom of the package must be
connected to AGND.
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB
(Pin 14) with 0.1 μF and 10 μF capacitors.
11
REFB
Differential Reference Output. Decoupled to ground with a 0.1 μF capacitor and to REFT
(Pin 13) with 0.1 μF and 10 μF capacitors.
12 to 17, 25 to 31, 35, 37
AVDD2
5.0 V Analog Supply (±5%).
22
VIN+
Analog Input—True.
23
VIN−
Analog Input—Complement.
40
CLK+
Clock Input—True.
41
CLK−
Clock Input—Complement.
47, 63, 75, 87
DRGND
Digital Output Ground.
48, 64, 76, 88
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
53
D0− (LSB)
D0 Complement Output Bit (LVDS Levels).
54
D0+
D0 True Output Bit.
55
D1−
D1 Complement Output Bit.
56
D1+
D1 True Output Bit.
57
D2−
D2 Complement Output Bit.
58
D2+
D2 True Output Bit.
59
D3−
D3 Complement Output Bit.
60
D3+
D3 True Output Bit.
61
D4−
D4 Complement Output Bit.
62
D4+
D4 True Output Bit.
65
D5−
D5 Complement Output Bit.
66
D5+
D5 True Output Bit.
67
DCO−
Data Clock Output—Complement.
68
DCO+
Data Clock Output—True.
69
D6−
D6 Complement Output Bit.
70
D6+
D6 True Output Bit.
71
D7−
D7 Complement Output Bit.
72
D7+
D7 True Output Bit.
73
D8−
D8 Complement Output Bit.
74
D8+
D8 True Output Bit.
77
D9−
D9 Complement Output Bit.
78
D9+
D9 True Output Bit.
79
D10−
D10 Complement Output Bit.
80
D10+
D10 True Output Bit.
81
D11−
D11 Complement Output Bit.
82
D11+
D11 True Output Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com