Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9445 Datasheet HTML 15Page - Analog Devices AD9445 Datasheet HTML 16Page - Analog Devices AD9445 Datasheet HTML 17Page - Analog Devices AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices AD9445 Datasheet HTML 22Page - Analog Devices AD9445 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD9445
Rev. 0 | Page 18 of 40
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
30.3MHz @ –1.0dBFS
SNR = 74.3dB
ENOB = 12.2BITS
SFDR = 92dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
225.3MHz @ –1.0dBFS
SNR = 73.0dB
ENOB = 12.0BITS
SFDR = 87dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
Figure 24. AD9445-105 64k Point Single-Tone FFT/105 MSPS/30.3 MHz
Figure 27. AD9445-105 64k Point Single-Tone FFT/105 MSPS/225.3 MHz
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
100.3MHz @ –1.0dBFS
SNR = 73.5dB
ENOB = 11.8BITS
SFDR = 93dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
300.3MHz @ –1.0dBFS
SNR = 72.1dB
ENOB = 11.8BITS
SFDR = 87dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
Figure 25. AD9445-105 64k Point Single-Tone FFT/105 MSPS/100.3 MHz
Figure 28. AD9445-105 64k Point Single-Tone FFT/105 MSPS/300.3 MHz
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
170.3MHz @ –1.0dBFS
SNR = 73.6dB
ENOB = 12.1BITS
SFDR = 94dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
0
–130
0
52.500
FREQUENCY (MHz)
105MSPS
450.3MHz @ –1.0dBFS
SNR = 70.5dB
ENOB = 11.6BITS
SFDR = 70dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.125
26.250
39.375
Figure 26. AD9445-105 64k Point Single-Tone FFT/105 MSPS/170.3 MHz
Figure 29. AD9445-105 64k Point Single-Tone FFT/105 MSPS/450.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com