Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9445 Datasheet HTML 12Page - Analog Devices AD9445 Datasheet HTML 13Page - Analog Devices AD9445 Datasheet HTML 14Page - Analog Devices AD9445 Datasheet HTML 15Page - Analog Devices AD9445 Datasheet HTML 16Page - Analog Devices AD9445 Datasheet HTML 17Page - Analog Devices AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
AD9445
Rev. 0 | Page 15 of 40
EQUIVALENT CIRCUITS
X1
3.5V
1k
Ω
1k
Ω
AVDD2
VIN+
VIN–
T/H
AVDD2
6pF
6pF
DX
DRVDD
Figure 6. Equivalent Analog Input Circuit
Figure 9. Equivalent CMOS Digital Output Circuit
RF ENABLE, DCS
MODE, OUTPUT
MODE, DFS
VDD
30k
Ω
1.2V
DRVDD
DRVDD
K
3.74k
Ω
ILVDSOUT
LVDS_BIAS
Figure 10. Equivalent Digital Input Circuit,
DFS, DCS MODE, OUTPUT MODE
Figure 7. Equivalent LVDS_BIAS Circuit
CLK+
3k
Ω
2.5k
Ω
3k
Ω
2.5k
Ω
AVDD2
CLK–
DRVDD
DX–
DX+
V
V
V
V
Figure 11. Equivalent Sample Clock Input Circuit
Figure 8. Equivalent LVDS Digital Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com