Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9445 Datasheet HTML 27Page - Analog Devices AD9445 Datasheet HTML 28Page - Analog Devices AD9445 Datasheet HTML 29Page - Analog Devices AD9445 Datasheet HTML 30Page - Analog Devices AD9445 Datasheet HTML 31Page - Analog Devices AD9445 Datasheet HTML 32Page - Analog Devices AD9445 Datasheet HTML 33Page - Analog Devices AD9445 Datasheet HTML 34Page - Analog Devices AD9445 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9445
Rev. 0 | Page 30 of 40
OPTIONAL
97
96
86
95
26
27
34
92
93
94
28
29
30
31
40
39
41
42
35
38
90
91
87
43
44
76
77
78
79
80
81
45
46
49
50
88
84
85
48
82
47
83
32
33
100
89
36
37
101
98
99
D0_C (LSB)
D0_T
D15_C/D14_Y
5V
VCC
D14_C/D12_Y
DRGND
D13_T/D11_Y
DRVDD
D14_T/D13_Y
GND
VCC
D13_C/D10_Y
D12_T/D9_Y
D12_C/D8_Y
D11_T/D7_Y
D11_C/D6_Y
DRVDD
VCC
VCC
VCC
5V
VCC
ENCB
GND
ENC
GND
5V
VCC
VCC
VCC
VCC
GND
C91
0.1
μF
VCC
EPAD
P1
P2
P3
VCC
5V
GND
GND
P4
1
2
3
4
P1
P2
P3
EXTREF
DRVDD
XTALPWR
DRGND
P4
1
2
3
4
VCC
DRGND
DOR_C
DOR_T/DOR_Y
GND
VCC
VCC
DRVDD
(MSB) D15_T/D15_Y
D12_T
D12_C
D11_T
D11_C
DRVDD
AGND
AGND
AGND
AVDD1
AVDD1
AVDD1
AVDD1
OR_C
OR_T
AGND
AVDD1
AVDD1
DRVDD
DRGND
D15_T
D15_C
D14_T
D14_C
D13_T
D13_C
AVDD2
AVDD2
AVDD2
AVDD2
AVDD2
AVDD2
AVDD1
AVDD1
AVDD1
AVDD2
AVDD1
AVDD2
AVDD1
ENC
AGND
ENCB
AGND
AVDD1
AVDD1
AVDD1
AGND
DRGND
DRVDD
D0_C
D0_T
H4
MTHOLE6
GND
DRGND
H3
MTHOLE6
H1
MTHOLE6
H2
MTHOLE6
+
PRI
SEC
ETC1-1-13
Figure 67. AD9445 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com