Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9445 Datasheet HTML 13Page - Analog Devices AD9445 Datasheet HTML 14Page - Analog Devices AD9445 Datasheet HTML 15Page - Analog Devices AD9445 Datasheet HTML 16Page - Analog Devices AD9445 Datasheet HTML 17Page - Analog Devices AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AD9445
Rev. 0 | Page 16 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, rated sample rate, LVDS mode, DCS enabled, TA = 25°C, 2.0 V p-p differential
input, AIN = −1.0 dBFS, internal trimmed reference (nominal VREF = 1.0 V), unless otherwise noted.
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
30.3MHz @ –1.0dBFS
SNR = 73.4dB
ENOB = 12.1BITS
SFDR = 94dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
225.3MHz @ –1.0dBFS
SNR = 72.9dB
ENOB = 12.1BITS
SFDR = 88dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
Figure 12. AD9445-125 64k Point Single-Tone FFT/125 MSPS/30.3 MHz
Figure 15. AD9445-125 64k Point Single-Tone FFT/125 MSPS/225.3 MHz
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
100.3MHz @ –1.0dBFS
SNR = 0dB
ENOB = 12.1BITS
SFDR = 96dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
300.3MHz @ –1.0dBFS
SNR = 72.0dB
ENOB = 11.8BITS
SFDR = 87dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
Figure 13. AD9445-125 64k Point Single-Tone FFT/125 MSPS/100.3 MHz
Figure 16. AD9445-125 64k Point Single-Tone FFT/125 MSPS/300.3 MHz
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
170.3MHz @ –1.0dBFS
SNR = 73.2dB
ENOB = 12.0BITS
SFDR = 91dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
0
–130
0
62.500
FREQUENCY (MHz)
125MSPS
450.3MHz @ –1.0dBFS
SNR = 70.5dB
ENOB = 11.6BITS
SFDR = 69dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
15.625
31.250
46.875
Figure 14. AD9445-125 64k Point Single-Tone FFT/125 MSPS/170.3 MHz
Figure 17. AD9445-125 64k Point Single-Tone FFT/125 MSPS/450.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com