Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices AD9445 Datasheet HTML 22Page - Analog Devices AD9445 Datasheet HTML 23Page - Analog Devices AD9445 Datasheet HTML 24Page - Analog Devices AD9445 Datasheet HTML 25Page - Analog Devices AD9445 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
AD9445
Rev. 0 | Page 21 of 40
25000
0
OUTPUT CODE
N + 4
62
1127
7968
22190
23754
1355
75
2
20000
15000
10000
5000
N – 4
N – 3
N – 2
N – 1
N
N + 1 N + 2 N + 3
9003
30000
0
OUTPUT CODE
N + 4
3
307
3350
15743
26294
3493
227
2
N – 4
N – 3
N – 2
N – 1
N
N + 1 N + 2 N + 3
16117
25000
20000
15000
10000
5000
SAMPLE SIZE = 65538
Figure 42. AD9445-125 Grounded Input Histogram
Figure 45. AD9445-105 Grounded Input Histogram
0
–140
–130
0
FREQUENCY (MHz)
105MSPS
170.3MHz @ –7.0dBFS
171.3MHz @ –7.0dBFS
SFDR = 92dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
52.500
13.125
26.250
39.375
0
–0.8
–40
TEMPERATURE (°C)
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–20
0
20
40
60
80
Figure 43. AD9445-105 64k Point Two-Tone FFT/105 MSPS/170.3 MHz, 171.3 MHz
Figure 46. AD9445-125 Gain vs. Temperature
0.4
–0.4
0
OUTPUT CODE
0
16384
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
4096
8192
12288
0
–120
–100
0
FUNDAMENTAL LEVEL (dB)
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
Figure 44. AD9445-105 Two-Tone SFDR vs. Analog Input Level
105 MSPS/170.3 MHz, 171.3 MHz
Figure 47. AD9445-105 DNL Error vs. Output Code, 105 MSPS, 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com