Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9445 Datasheet HTML 9Page - Analog Devices AD9445 Datasheet HTML 10Page - Analog Devices AD9445 Datasheet HTML 11Page - Analog Devices AD9445 Datasheet HTML 12Page - Analog Devices AD9445 Datasheet HTML 13Page - Analog Devices AD9445 Datasheet HTML 14Page - Analog Devices AD9445 Datasheet HTML 15Page - Analog Devices AD9445 Datasheet HTML 16Page - Analog Devices AD9445 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AD9445
Rev. 0 | Page 12 of 40
Pin No.
Mnemonic
Description
83
D12−
D12 Complement Output Bit.
84
D12+
D12 True Output Bit.
85
D13−
D13 Complement Output Bit.
86
D13+ (MSB)
D13 True Output Bit.
89
OR−
Out-of-Range Complement Output Bit.
90
OR+
Out-of-Range True Output Bit.
100
RF ENABLE
RF ENABLE Control Pin. CMOS-compatible control pin to optimize the configuration of
the AD9445 analog front end. Connecting RF ENABLE to AGND optimizes SFDR
performance for applications with analog input frequencies <210 MHz for 125 MSPS
speed grade and <230 MHz for the 105 MSPS speed grade. For applications with analog
inputs >225 MHz for the 125 MSPS speed grade and >230 MHz for the 105 MSPS speed
grade, this pin should be connected to AVDD1 for optimum SFDR performance. Power
dissipation from AVDD2 increases by 150 mW to 200 mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com