Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices AD9445 Datasheet HTML 22Page - Analog Devices AD9445 Datasheet HTML 23Page - Analog Devices AD9445 Datasheet HTML 24Page - Analog Devices AD9445 Datasheet HTML 25Page - Analog Devices AD9445 Datasheet HTML 26Page - Analog Devices AD9445 Datasheet HTML 27Page - Analog Devices AD9445 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
AD9445
Rev. 0 | Page 23 of 40
78
71
1.8
ANALOG INPUT RANGE (V p-p)
4.2
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
170.3MHz SFDR dBc
225.3MHz SFDR dBc
300.3MHz SFDR dBc
77
75
76
74
73
72
95
70
1.8
ANALOG INPUT RANGE (V p-p)
4.2
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
170.3MHz SFDR dBc
225.3MHz SFDR dBc
300.3MHz SFDR dBc
90
85
80
75
Figure 54. AD9445-105 SNR vs. Analog Input Range,
105 MSPS/170.3 MHz, 225.3 MHz, 300.3 MHz
Figure 57. AD9445-105 SFDR vs. Analog Input Range,
105 MSPS/170.3 MHz, 225.3 MHz, 300.3 MHz
400
0
0
SAMPLE RATE (MSPS)
160
350
300
250
200
150
100
50
20
40
60
80
100
120
140
DRVDD
AVDD2
AVDD1
81
74
1.8
4.2
ANALOG INPUT RANGE (V p-p)
80
79
78
77
76
75
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
105M SNR dBFS
125M SNR dBFS
Figure 55. AD9445-125 Power Supply Current vs. Sample Rate
10.3 MHz @ −1 dBFS
Figure 58. SNR vs. Analog Input Range, 2.3 MHz @ −30 dBFS
95
70
1.8
ANALOG INPUT RANGE (V p-p)
4.2
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
170.3MHz SFDR dBc
225.3MHz SFDR dBc
300.3MHz SFDR dBc
90
85
80
75
Figure 56. AD9445-125 SFDR vs. Analog Input Range, 125 MSPS/170.3 MHz,
225.3 MHz, 300.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com