Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9445 Datasheet HTML 16Page - Analog Devices AD9445 Datasheet HTML 17Page - Analog Devices AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices AD9445 Datasheet HTML 22Page - Analog Devices AD9445 Datasheet HTML 23Page - Analog Devices AD9445 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
AD9445
Rev. 0 | Page 19 of 40
100
95
90
85
80
75
70
65
60
55
0
50
100
150
200
250
300
350
400
450
ANALOG INPUT FREQUENCY (MHz)
SFDR +25°C
SNR +25°C
SFDR +85°C
SFDR –40°C
SNR +85°C
SNR –40°C
100
95
90
85
80
75
70
65
60
55
0
50
100
150
200
250
300
350
400
450
ANALOG INPUT FREQUENCY (MHz)
SFDR +25°C
SNR +25°C
SFDR +85°C
SFDR –40°C
SNR +85°C
SNR –40°C
Figure 30. AD9445-105 SNR/SFDR vs. Analog Input Frequency,
105 MSPS, 2.0 V p-p
Figure 33. AD9445-105 SNR/SFDR vs. Analog Input Frequency,
105 MSPS, 3.2 V p-p
100
60
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
ANALOG INPUT COMMON-MODE VOLTAGE
SNR dB
SFDR dBc
95
90
85
80
75
70
65
100
95
90
85
80
75
70
65
60
55
0
180
ANALOG INPUT FREQUENCY (MHz)
SFDR +25°C
SNR +25°C
SFDR +85°C
SFDR –40°C
SNR +85°C
SNR –40°C
20
40
60
80
100
120
140
160
Figure 31. AD9445-105 SNR/SFDR vs. Analog Input Frequency,
3.2 V p-p Input Range, 105 MSPS, CMOS Output Mode
Figure 34. AD9445-105 SNR/SFDR vs. Analog Input Common Mode,
105 MSPS/10.3 MHz
120
0
–100
0
ANALOG INPUT AMPLITUDE (dB)
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
SNR dB
SNR dBFS
SFDR dBc
SFDR dBFS
120
0
–100
0
ANALOG INPUT AMPLITUDE (dB)
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
SNR dB
SNR dBFS
SFDR dBc
SFDR dBFS
Figure 32. AD9445-105 SNR/SFDR vs. Analog Input Level,
105 MSPS/225.3 MHz
Figure 35. AD9445-105 SNR/SFDR vs. Analog Input Level,
105 MSPS/225.3 MHz, CMOS Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com