Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9865 Datasheet HTML 31Page - Analog Devices AD9865 Datasheet HTML 32Page - Analog Devices AD9865 Datasheet HTML 33Page - Analog Devices AD9865 Datasheet HTML 34Page - Analog Devices AD9865 Datasheet HTML 35Page - Analog Devices AD9865 Datasheet HTML 36Page - Analog Devices AD9865 Datasheet HTML 37Page - Analog Devices AD9865 Datasheet HTML 38Page - Analog Devices AD9865 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
AD9865
Data Sheet
Rev. B | Page 34 of 48
LOW-PASS FILTER
The low-pass filter (LPF) provides a third order response with a
cutoff frequency that is typically programmable over a 15 MHz
to 35 MHz span. Figure 68 shows that the first real pole is im-
plemented within the first CPGA gain stage, and the complex
pole pair is implemented in the second CPGA gain stage.
Capacitor arrays are used to vary the different R-C time con-
stants within these two stages in a manner that changes the
cutoff frequency while preserving the normalized frequency
response. Because absolute resistor and capacitor values are
process-dependent, a calibration routine lasting less than 100 μs
automatically occurs each time the target cutoff frequency
register (Register 0x08) is updated, ensuring a repeatable cutoff
frequency from device to device.
Although the default setting specifies that the LPF be active, it
can also be bypassed providing a nominal f−3 dB of 55 MHz.
Table 21 shows the SPI registers pertaining to the LPF.
Table 21. SPI Registers for Rx Low-Pass Filter
Address (Hex)
Bit
Description
0x07
(0)
Enable Rx LPF
0x08
(7:0)
Target value
The normalized wideband gain response is shown in Figure 70.
The normalized pass-band gain and group delay responses are
shown in Figure 71. The normalized cutoff frequency, f−3 dB,
results in −3 dB attenuation. Also, the actual group delay time
(GDT) response can be calculated given a programmed cutoff
frequency using the following equation:
Actual GDT = Normalized GDT/(2.45 × f−3dB)
(7)
FREQUENCY
0
5
1.0
3.0
–35
–30
–25
–20
–15
–10
–5
0
2.5
2.0
1.5
0.5
Figure 70. LPF’s Normalized Wideband Gain Response
NORMALIZED FREQUENCY
0
0.5
1.0
0.9
0.3
0.4
0.8
0.2
0.1
1.30
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
0.25
–3.00
–2.75
–2.50
–2.25
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.6
0.7
NORMALIZED GROUP DELAY
NORMALIZED GAIN RESPONSE
Figure 71. LPF’s Normalized Pass-Band Gain and Group Delay Responses
The −3 dB cut-off frequency, f−3 dB, is programmable by writing
an 8-bit word, referred to as the target, to Register 0x08. The
cutoff frequency is a function of the ADC sample rate, fADC, and
to a lesser extent, the RxPGA gain setting (in dB). Figure 72
shows how the frequency response, f−3 dB, varies as a function of
the RxPGA gain setting.
INPUT FREQUENCY (MHz)
010
50
30
25
5
3
–18
–12
–6
0
15
20
35
40
–15
–9
–3
45
–6dB GAIN
0dB GAIN
+6dB GAIN
+18dB GAIN
+30dB GAIN
+42dB GAIN
Figure 72. Effects of RxPGA Gain on LPF Frequency Response
(f−3 dB = 32 MHz (@ 0 dB and fADC = 80 MSPS)
The following formula1 can be used to estimate f−3 dB for a
RxPGA gain setting of 0 dB:
f−3dB_0dB = (128/target) × (fADC/80) ×(fADC/30 + 23.83) f
(8)
Figure 73 compares the measured and calculated f−3 dB using this
formula.
1 Empirically derived for a f−3 dB range of 15 MHz to 35 MHz and fADC of 40 MSPS
to 80 MSPS with an RxPGA = 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com