Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9865 Datasheet HTML 2Page - Analog Devices AD9865 Datasheet HTML 3Page - Analog Devices AD9865 Datasheet HTML 4Page - Analog Devices AD9865 Datasheet HTML 5Page - Analog Devices AD9865 Datasheet HTML 6Page - Analog Devices AD9865 Datasheet HTML 7Page - Analog Devices AD9865 Datasheet HTML 8Page - Analog Devices AD9865 Datasheet HTML 9Page - Analog Devices AD9865 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 5 of 48
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Rx PATH LATENCY1
Full-Duplex Interface
Full
V
10.5
Cycles
Half-Duplex Interface
Full
V
10.0
Cycles
Rx PATH COMPOSITE AC PERFORMANCE @ fADC = 50 MSPS2
RxPGA Gain = 48 dB (Full-Scale = 8.0 mV p-p)
Signal-to-Noise and Distortion (SNR)
25°C
III
43.7
dBc
Total Harmonic Distortion (THD)
25°C
III
−71
dBc
RxPGA Gain = 24 dB (Full-Scale =126 mV p-p)
Signal-to-Noise (SNR)
25°C
III
59
dBc
Total Harmonic Distortion (THD)
25°C
III
−67.2
dBc
RxPGA Gain = 0 dB (Full-Scale = 2.0 V p-p)
Signal-to-Noise and Distortion (SINAD)
Full
IV
58
59
dBc
Total Harmonic Distortion (THD)
Full
IV
−66
−62.9
dBc
Rx PATH COMPOSITE AC PERFORMANCE @ fADC = 80 MSPS3
RxPGA Gain = 48 dB (Full-Scale = 8.0 mV p-p)
Signal-to-Noise (SNR)
25°C
III
41.8
dBc
Total Harmonic Distortion (THD)
25°C
III
−67
dBc
RxPGA Gain = 24 dB (Full-Scale = 126 mV p-p)
Signal-to-Noise (SNR)
25°C
III
58.6
dBc
Total Harmonic Distortion (THD)
25°C
III
−62.9
dBc
RxPGA Gain = 0 dB (Full-Scale = 2.0 V p-p)
Signal-to-Noise (SNR)
25°C
II
58.9
59.6
dBc
Total Harmonic Distortion (THD)
25°C
II
−69.7
−59.8
dBc
Rx-to-Tx PATH FULL-DUPLEX ISOLATION
(1 V p-p, 10 MHz Sine Wave Tx Output)
RxPGA Gain = 40 dB
IOUTP± Pins to RX± Pins
25°C
III
83
dBc
IOUTG± Pins to RX± Pins
25°C
III
37
dBc
RxPGA Gain = 0 dB
IOUTP± Pins to RX± Pins
25°C
III
123
dBc
IOUTG± Pins to RX± Pins
25°C
III
77
dBc
1
Includes RxPGA, ADC pipeline, and ADIO bus delay relative to fADC.
2
fIN = 5 MHz, AIN = −1.0 dBFS , LPF cutoff frequency set to 15.5 MHz with Reg. 0x08 = 0x80.
3
fIN = 5 MHz, AIN = −1.0 dBFS , LPF cutoff frequency set to 26 MHz with Reg. 0x08 = 0x80.
POWER SUPPLY SPECIFICATIONS
AVDD = 3.3 V, DVDD = CLKVDD = DRVDD = 3.3 V; RSET = 2 kΩ, full-duplex operation with fDATA = 80 MSPS,1 unless otherwise noted.
Table 3.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SUPPLY VOLTAGES
AVDD
Full
V
3.135
3.3
3.465
V
CLKVDD
Full
V
3.0
3.3
3.6
V
DVDD
Full
V
3.0
3.3
3.6
V
DRVDD
Full
V
3.0
3.3
3.6
V
IS_TOTAL (Total Supply Current)
Full
II
406
475
mA
POWER CONSUMPTION
IAVDD + ICLKVDD (Analog Supply Current)
IV
311
342
mA
IDVDD + IDRVDD (Digital Supply Current)
Full
IV
95
133
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com