Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 1 Page - Analog Devices

  AD9865 Datasheet HTML 1Page - Analog Devices AD9865 Datasheet HTML 2Page - Analog Devices AD9865 Datasheet HTML 3Page - Analog Devices AD9865 Datasheet HTML 4Page - Analog Devices AD9865 Datasheet HTML 5Page - Analog Devices AD9865 Datasheet HTML 6Page - Analog Devices AD9865 Datasheet HTML 7Page - Analog Devices AD9865 Datasheet HTML 8Page - Analog Devices AD9865 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Broadband Modem Mixed-Signal Front End
Data Sheet
AD9865
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low cost 3.3 V CMOS MxFETM for broadband modems
10-bit D/A converter
2×/4× interpolation filter
200 MSPS DAC update rate
Integrated 23 dBm line driver with 19.5 dB gain control
10-bit, 80 MSPS A/D converter
−12 dB to +48 dB low noise RxPGA (< 3.0 nV/rtHz)
Third order, programmable low-pass filter
Flexible digital data path interface
Half- and full-duplex operation
Backward-compatible with AD9975 and AD9875
Various power-down/reduction modes
Internal clock multiplier (PLL)
2 auxiliary programmable clock outputs
Available in 64-lead chip scale package or bare die
APPLICATIONS
Powerline networking
VDSL and HPNA
FUNCTIONAL BLOCK DIAGRAM
10
XTAL
RX–
4
6
AD9865
10
0 TO –7.5dB
0 TO –12dB
REGISTER
CONTROL
CLK
SYN.
ADC
80MSPS
2-4X
IOUT_G+
IOUT_N+
IOUT_N–
IOUT_G–
CLKOUT_1
CLKOUT_2
OSCIN
RX+
IAMP
TxDAC
2M CLK
MULTIPLIER
2-POLE
LPF
1-POLE
LPF
0 TO 6dB
∆ = 1dB
– 6 TO 18dB
∆ = 6dB
–6 TO 24dB
∆ = 6dB
SPI
AGC[5:0]
RXCLK
RXE/SYNC
ADIO[9:4]/
Tx[5:0]
ADIO[3:0]/
Rx[5:0]
TXCLK
TXEN/SYNC
MODE
PWR DWN
Figure 1.
GENERAL DESCRIPTION
The AD9865 is a mixed-signal front end (MxFE) IC for
transceiver applications requiring Tx and Rx path functionality
with data rates up to 80 MSPS. Its flexible digital interface,
power saving modes, and high Tx-to-Rx isolation make it well
suited for half- and full-duplex applications. The digital inter-
face is extremely flexible allowing simple interfaces to digital
back ends that support half- or full-duplex data transfers, thus
often allowing the AD9865 to replace discrete ADC and DAC
solutions. Power saving modes include the ability to reduce
power consumption of individual functional blocks, or to power
down unused blocks in half-duplex applications. A serial port
interface (SPI®) allows software programming of the various
functional blocks. An on-chip PLL clock multiplier and
synthesizer provide all the required internal clocks, as well as
two external clocks from a single crystal or clock source.
The Tx signal path consists of a bypassable 2×/4× low-pass
interpolation filter, a 10-bit TxDAC, and a line driver. The
transmit path signal bandwidth can be as high as 34 MHz at an
input data rate of 80 MSPS. The TxDAC provides differential
current outputs that can be steered directly to an external load
or to an internal low distortion current amplifier. The current
amplifier (IAMP) can be configured as a current- or voltage-
mode line driver (with two external npn transistors) capable of
delivering in excess of 23 dBm peak signal power. Tx power can
be digitally controlled over a 19.5 dB range in 0.5 dB steps.
The receive path consists of a programmable amplifier
(RxPGA), a tunable low-pass filter (LPF), and a 10-bit ADC.
The low noise RxPGA has a programmable gain range of
−12 dB to +48 dB in 1 dB steps. Its input referred noise is less
than 3 nV/rtHz for gain settings beyond 36 dB. The receive path
LPF cutoff frequency can be set over a 15 MHz to 35 MHz
range or simply bypassed. The 10-bit ADC achieves excellent
dynamic performance over a 5 MSPS to 80 MSPS span. Both
the RxPGA and the ADC offer scalable power consumption
allowing power/performance optimization.
The AD9865 provides a highly integrated solution for many
broadband modems. It is available in a space saving 64-pin chip
scale package and is specified over the commercial (−40°C to
+85°C) temperature range.


Similar Part No. - AD9865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865-EB AD-AD9865-EB Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865BCP AD-AD9865BCP Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865BCPRL AD-AD9865BCPRL Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865BCPZ AD-AD9865BCPZ Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
More results

Similar Description - AD9865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com