Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9865 Datasheet HTML 41Page - Analog Devices AD9865 Datasheet HTML 42Page - Analog Devices AD9865 Datasheet HTML 43Page - Analog Devices AD9865 Datasheet HTML 44Page - Analog Devices AD9865 Datasheet HTML 45Page - Analog Devices AD9865 Datasheet HTML 46Page - Analog Devices AD9865 Datasheet HTML 47Page - Analog Devices AD9865 Datasheet HTML 48Page - Analog Devices AD9865 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 47 of 48
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
0.25 MIN
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50
BSC
0.20 REF
12° MAX
0.80 MAX
0.65 NOM
1.00
0.85
0.80
7.50 REF
0.05 MAX
0.02 NOM
SEATING
PLANE
PIN 1
INDICATOR
7.25
7.10 SQ
6.95
PIN 1
INDICATOR
0.30
0.23
0.18
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
9.10
9.00 SQ
8.90
8.85
8.75 SQ
8.65
0.60
0.42
0.24
0.60
0.42
0.24
Figure 85. 64-Lead Lead Frame Chip Scale Package (LFCSP)
9 mm × 9 mm and 0.85 mm Package Height
[CP-64-3]
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9865BCPZ
−40°C to +85°C
64-Lead LFCSP
CP-64-3
AD9865BCPZRL
−40°C to +85°C
64-Lead LFCSP
CP-64-3
1
Z = RoHS Compliant Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com