Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9865 Datasheet HTML 34Page - Analog Devices AD9865 Datasheet HTML 35Page - Analog Devices AD9865 Datasheet HTML 36Page - Analog Devices AD9865 Datasheet HTML 37Page - Analog Devices AD9865 Datasheet HTML 38Page - Analog Devices AD9865 Datasheet HTML 39Page - Analog Devices AD9865 Datasheet HTML 40Page - Analog Devices AD9865 Datasheet HTML 41Page - Analog Devices AD9865 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 37 of 48
CLOCK SYNTHESIZER
The AD9865 generates all its internal sampling clocks, as well as
two user-programmable clock outputs appearing at CLKOUT1
and CLKOUT2, from a single reference source as shown in
Figure 76. The reference source can be either a fundamental
frequency or an overtone quartz crystal connected between
OSCIN and XTAL with the parallel resonant load components
as specified by the crystal manufacturer. It can also be a TTL-
level clock applied to OSCIN with XTAL left unconnected.
The data rate, fDATA, for the Tx and Rx data paths must always be
equal. Therefore, the ADC’s sample rate, fADC, is always equal to
fDATA while the TxDAC update rate is a factor of 1, 2, or 4 of
fDATA, depending on the interpolation factor selected. The data
rate refers to the word rate and should not be confused with the
nibble rate in full-duplex interface.
÷2N
XTAL
C1
÷2L
÷2R
2M CLK
MULTIPLIER
C2
XTAL
OSCIN
CLKOUT2
CLKOUT1
TO ADC
TO TxDAC
Figure 76. Clock Oscillator and Synthesizer
The 2M CLK multiplier contains a PLL (with integrated loop
filter) and VCO capable of generating an output frequency that
is a multiple of 1, 2, 4, or 8 of its input reference frequency,
fOSCIN, appearing at OSCIN. The input frequency range of fOSCIN
is between 20 MHz and 80 MHz, while the VCO can operate
over a 40 MHz to 200 MHz span. For the best phase noise/jitter
characteristics, it is advisable to operate the VCO with a fre-
quency between 100 MHz and 200 MHz. The VCO output
drives the TxDAC directly such that its update rate, fDAC, is
related to fOSCIN by the following equation:
fDAC = 2M× fOSCIN
(10)
where M = 0, 1, 2, or 3.
M is the PLL’s multiplication factor set in Register 0x04. The
value of M is determined by the Tx path’s word rate, fDATA, and
digital interpolation factor, F, as shown in the following
equation:
M = log2 (F × fDATA/fOSCIN)
(11)
Note: if the reference frequency appearing at OSCIN is chosen
to be equal to the AD9865’s Tx and Rx path’s word rate, then M
is simply equal to log2(F).
The clock source for the ADC can be selected in Register 0x04
as a buffered version of the reference frequency appearing at
OSCIN (default setting) or a divided version of the VCO output
(fDAC). The first option is the default setting and most desirable
if fOSCIN is equal to the ADC sample rate, fADC. This option
typically results in the best jitter/phase noise performance for
the ADC sampling clock. The second option is suitable in cases
where fOSCINis a factor of 2 or 4 less than the fADC. In this case,
the divider ratio, N, is chosen such that the divided down VCO
output is equal to the ADC sample rate, as shown in the
following equation:
fADC = fDAC/2N
(12)
where N = 0, 1, or 2.
Figure 77 shows the degradation in phase noise performance
imparted onto the ADC’s sampling clock for different VCO
output frequencies. In this case, a 25 MHz, 1 V p-p sine wave
was used to drive OSCIN, and the PLL’s M and N factors were
selected to provide an fADC of 50 MHz for VCO operating
frequencies of 50, 100, and 200 MHz. The RxPGA input was
driven with a near full-scale, 12.5 MHz input signal with a gain
setting of 0 dB. Operating the VCO at the highest possible
frequency results in the best narrow and wideband phase noise
characteristics. For comparison purposes, the clock source for
the ADC was taken directly from OSCIN when driven by a
50 MHz square wave.
FREQUENCY (MHz)
2.5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
DIRECT
VCO = 50MHz
VCO = 100MHz
VCO = 200MHz
Figure 77. Comparison of Phase Noise Performance when ADC Clock Source
is Derived from Different VCO Output Frequencies
The CLK synthesizer also has two clock outputs appearing at
CLKOUT1 and CLKOUT2. They are programmable via
Register 0x06. Both outputs can be inverted or disabled. The
voltage levels appearing at these outputs are relative to DRVDD
and remain active during a hardware or software reset. Table 23
shows the SPI registers pertaining to the clock synthesizer.
CLKOUT1 is a divided version of the VCO output and can be
set to be a submultiple integer of fDAC (fDAC/2R, where R = 0, 1, 2,
or 3). Because this clock is actually derived from the same set of
dividers used within the PLL core, it is phase-locked to them
such that its phase relationship relative to the signal appearing
at OSCIN (or RXCLK) can be determined upon power up. Also,
this clock has near 50% duty cycle, because it is derived from
the VCO. As a result, CLKOUT1 should be selected before
CLKOUT2 as the primary source for system clock distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com