| Electronic Components Datasheet Search |
|
AD9865 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9865 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 49 page ![]() AD9865 Data Sheet Rev. B | Page 22 of 48 SCLK SDATA SCLK SDATA R/W N1 A1 A2 A3 A4 A0 N2 D71 D61 D1N D0N R/W N1 A1 A2 A3 A4 A0 N2 D01 D11 D7N D6N DATA TRANSFER CYCLE INSTRUCTION CYCLE DATA TRANSFER CYCLE INSTRUCTION CYCLE SEN SEN Figure 45. SPI Timing, MSB First (Upper), and LSB First (Lower) When the SPI LSB first bit is set high, the serial port interprets both instruction and data bytes LSB first. Multibyte data trans- fers in LSB format can be completed by writing an instruction byte that includes the register address of the first address to be accessed. The AD9865 automatically increments the address for each successive byte required for the multibyte communication cycle. Figure 46 illustrates the timing requirements for a write opera- tion to the SPI port. After the serial port enable (SEN) signal goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of the clock (SCLK). To initiate a write operation, the read/not-write bit is set low. After the instruction header is read, the eight data bits pertaining to the specified register are shifted into the SDIO pin on the rising edge of the next eight clock cycles. If a multibyte communication cycle is specified, the destination address is decremented (MSB first) and shifts in another eight bits of data. This process repeats until all the bytes specified in the instruction header (N1, N0 bits) are shifted into the SDIO pin. SEN must remain low during the data transfer operation, only going high after the last bit is shifted into the SDIO pin. D7 D6 A0 D1 SEN N1 N0 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W D0 tH Figure 46. SPI Write Operation Timing Figure 47 illustrates the timing for a 3-wire read operation to the SPI port. After SEN goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of SCLK. A read operation occurs, if the read/not-write indicator is set high. After the address bits of the instruction header are read, the eight data bits pertaining to the specified register are shifted out of the SDIO pin on the falling edges of the next eight clock cycles. If a multibyte communication cycle is specified in the instruction header, a similar process as previously described for a multibyte SPI write operation applies. The SDO pin remains three-stated in a 3-wire read operation. D7 D6 A0 D1 SEN N1 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W D0 tEZ A2 A1 tDV Figure 47. SPI 3-Wire Read Operation Timing Figure 48 illustrates the timing for a 4-wire read operation to the SPI port. The timing is similar to the 3-wire read operation with the exception that data appears at the SDO pin, while the SDIO pin remains high impedance throughout the operation. The SDO pin is an active output only during the data transfer phase and remains three-stated at all other times. A0 SEN N1 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W tEZ A2 A1 tDV D7 D6 D1 SDO D0 tEZ Figure 48. SPI 4-Wire Read Operation Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |