Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9865 Datasheet HTML 16Page - Analog Devices AD9865 Datasheet HTML 17Page - Analog Devices AD9865 Datasheet HTML 18Page - Analog Devices AD9865 Datasheet HTML 19Page - Analog Devices AD9865 Datasheet HTML 20Page - Analog Devices AD9865 Datasheet HTML 21Page - Analog Devices AD9865 Datasheet HTML 22Page - Analog Devices AD9865 Datasheet HTML 23Page - Analog Devices AD9865 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 19 of 48
SERIAL PORT
Table 11. SPI Register Mapping
Address
(Hex)1
Bit
Break-
down
Description
Width
Power-Up Default Value
Comments
MODE = 0 (Half-Duplex)
MODE = 1 (Full-Duplex)
CONFIG = 0
CONFIG = 1
CONFIG = 0
CONFIG = 1
SPI PORT CONFIGURATION AND SOFTWARE RESET
0x00
(7)
4-Wire SPI
1
0
0
0
0
Default SPI configuration is
3-wire, MSB first.
(6)
LSB First
1
0
0
0
0
(5)
S/W Reset
1
0
0
0
0
POWER CONTROL REGISTERS (via PWR_DWN pin)
0x01
(7)
Clock Syn.
1
0
0
0
0
PWR_DWN = 0.
Default setting is for all
blocks powered on.
(6)
TxDAC/IAMP
1
0
0
0
0
(5)
Tx Digital
1
0
0
0
0
(4)
REF
1
0
0
0
0
(3)
ADC CML
1
0
0
0
0
(2)
ADC
1
0
0
0
0
(1)
PGA Bias
1
0
0
0
0
(0)
RxPGA
1
0
0
0
0
0x02
(7)
CLK Syn.
1
0
0
0
1*
PWR_DWN = 1.
Default setting* is for all
functional blocks powered
down except PLL.
*MODE = CONFIG = 1.
Setting has PLL powered
down with OSCIN input
routed to RXCLK output.
(6)
TxDAC/IAMP
1
1
1
1
1
(5)
Tx Digital
1
1
1
1
1
(4)
REF
1
1
1
1
1
(3)
ADC CML
1
1
1
1
1
(2)
ADC
1
1
1
1
1
(1)
PGA Bias
1
1
1
1
1
(0)
RxPGA
1
1
1
1
1
HALF-DUPLEX POWER CONTROL
0x03
(7:3)
Tx OFF Delay
5
0xFF
0xFF
N/A
N/A
Default setting is for TXEN
input to control power
on/off of Tx/Rx path.
Tx driver delayed by 31
1/fDATA clock cycles.
(2)
Rx _TXEN
1
(1)
Tx PWRDN
1
(0)
Rx PWRDN
1
PLL CLOCK MULTIPLIER/SYNTHESIZER CONTROL
0x04
(5)
Duty Cycle Enable
1
0
0
0
0
Default setting is Duty Cycle
Restore disabled, ADC CLK
from OSCIN input, and PLL
multiplier × 2 setting.
*PLL multiplier × 4 setting.
(4)
fADC from PLL
1
0
0
0
0
(3:2)
PLL Divide-N
2
00
00
00
00
(1:0)
PLL Multiplier-M
2
01
10*
01
01
0x05
(2)
OSCIN to RXCLK
1
0
0
0
1*
Full-duplex RXCLK normally
at nibble rate.
*Exception on power-up.
(1)
Invert RXCLK
1
0
0
0
0
(0)
Disabled RXCLK
1
0
0
0
0
0x06
(7:6)
CLKOUT2 Divide
2
01
01
01
01
Default setting is CLKOUT2
and CLKOUT1 enabled with
divide-by-2.
*CLKOUT1 and CLKOUT2
disabled.
(5)
CLKOUT2 Invert
1
0
0
0
0
(4)
CLKOUT2 Disable
1
0
0
0
1*
(3:2)
CLKOUT1 Divide
2
01
01
01
01
(1)
CLKOUT1 Invert
1
0
0
0
0
(0)
CLKOUT1 Disable
1
0
0
0
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com