Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9865 Datasheet HTML 6Page - Analog Devices AD9865 Datasheet HTML 7Page - Analog Devices AD9865 Datasheet HTML 8Page - Analog Devices AD9865 Datasheet HTML 9Page - Analog Devices AD9865 Datasheet HTML 10Page - Analog Devices AD9865 Datasheet HTML 11Page - Analog Devices AD9865 Datasheet HTML 12Page - Analog Devices AD9865 Datasheet HTML 13Page - Analog Devices AD9865 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 9 of 48
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
ELECTRICAL
AVDD, CLKVDD Voltage
3.9 V maximum
DVDD, DRVDD Voltage
3.9 V maximum
RX+, RX−, REFT, REFB
−0.3 V to AVDD + 0.3 V
IOUTP+, IOUTP−
−1.5 V to AVDD + 0.3 V
IOUTN+, IOUTN−, IOUTG+,
IOUTG−
−0.3 V to +7 V
OSCIN, XTAL
−0.3 V to CLVDD + 0.3 V
REFIO, REFADJ
−0.3 V to AVDD + 0.3 V
Digital Input and Output Voltage
−0.3 V to DRVDD + 0.3 V
Digital Output Current
5 mA maximum
ENVIRONMENTAL
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
125°C
Lead Temperature (Soldering, 10 s)
150°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
The exposed pad (EPAD) must be soldered to the ground plane
for the 64-lead LFCSP. The EPAD provides an electrical,
thermal, and mechanical connection to the board.
Junction temperature (TJ) can be estimated using the following
equations:
TJ = TT + (ΨJT × P),
or
TJ = TB + (ΨJB × P)
where:
TT is the temperature measured at the top of the package.
P is the total device power dissipation.
TB is the temperature measured at the board.
ΨJT and ΨJB are thermal characteristic parameters obtained with
θJA in still air test conditions.
Table 9. Thermal Resistance
Package
θJA
θJC
Unit
CP-64-31
23.32
0.7
°C/W
1
Test condition 1: typical θJA and θJC values are specified for a 4-layer, JESD51-7
high effective thermal conductivity test board for leaded surface-mount
packages. θJA is obtained in still air conditions (JESD51-2). Airflow increases
heat dissipation, effectively reducing θJA. θJC is obtained with the test case
temperature monitored at the bottom of the exposed pad.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com