Electronic Components Datasheet Search
  English  ▼

X  

SLG46170 Datasheet(PDF) 63 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 63 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 59Page - Dialog Semiconductor SLG46170 Datasheet HTML 60Page - Dialog Semiconductor SLG46170 Datasheet HTML 61Page - Dialog Semiconductor SLG46170 Datasheet HTML 62Page - Dialog Semiconductor SLG46170 Datasheet HTML 63Page - Dialog Semiconductor SLG46170 Datasheet HTML 64Page - Dialog Semiconductor SLG46170 Datasheet HTML 65Page - Dialog Semiconductor SLG46170 Datasheet HTML 66Page - Dialog Semiconductor SLG46170 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
000-0046170-103
Page 62 of 86
SLG46170
14.3 Programmable Delay Register Settings
Table 55. Programmable Delay Register Settings
Signal Function
Register Bit
Address
Register Definition
Delay value select
for programmable
delay & edge
detector
(VDD = 3.3V, typical
condition)
reg<1001:1000>
00: 125 ns
01: 250 ns
10: 375 ns
11: 500 ns
Select the edge
mode of
programmable
delay & edge
detector
reg<1003:1002> 00: Rising Edge Detector
01: Falling Edge Detector
10: Both Edge Detector
11: Both Edge Delay
Select edge
detector output
mode
reg<1004>
0: Edge Detector Output
1: Delayed Edge Detector Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com