Electronic Components Datasheet Search
  English  ▼

X  

SLG46170 Datasheet(PDF) 78 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 78 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 74Page - Dialog Semiconductor SLG46170 Datasheet HTML 75Page - Dialog Semiconductor SLG46170 Datasheet HTML 76Page - Dialog Semiconductor SLG46170 Datasheet HTML 77Page - Dialog Semiconductor SLG46170 Datasheet HTML 78Page - Dialog Semiconductor SLG46170 Datasheet HTML 79Page - Dialog Semiconductor SLG46170 Datasheet HTML 80Page - Dialog Semiconductor SLG46170 Datasheet HTML 81Page - Dialog Semiconductor SLG46170 Datasheet HTML 82Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
000-0046170-103
Page 77 of 86
SLG46170
<889>
Reserved
<892:890>
PIN7 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
<894:893>
PIN7 pull up/down resistor value selection
00: floating
01: 10K
10: 100K
11: 1M
<895>
PIN7 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
<896>
PIN7 driver strength selection
0: 1X
1: 2X
<899:897>
PIN8 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
<901:900>
PIN8 pull up/down resistor value selection
00: floating
01: 10 K
10: 100 K
11: 1 M
<902>
PIN8 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
<903>
PIN8 driver strength selection
0: 1X
1: 2X
<904>
PIN8 4X Drive (4X, NMOS open drain) selection
0: 4X Drive off
1: 4X Drive on (if <899: 897> = 101)
<907:905>
Reserved
<909:908>
Reserved
<910>
Reserved
<911>
Reserved
<912>
Reserved
<915:913>
Reserved
<917:916>
Reserved
<918>
Reserved
<919>
Reserved
<922:920>
Reserved
<924:923>
Reserved
<925>
Reserved
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com