Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 41Page - Dialog Semiconductor DA9213 Datasheet HTML 42Page - Dialog Semiconductor DA9213 Datasheet HTML 43Page - Dialog Semiconductor DA9213 Datasheet HTML 44Page - Dialog Semiconductor DA9213 Datasheet HTML 45Page - Dialog Semiconductor DA9213 Datasheet HTML 46Page - Dialog Semiconductor DA9213 Datasheet HTML 47Page - Dialog Semiconductor DA9213 Datasheet HTML 48Page - Dialog Semiconductor DA9213 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
45 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
1:0
R/W
GPI0_PIN
PIN assigned to:
00: GPI
01: Track enable
1x: Reserved
Register
Bit
Type
Label
Description
0x59
GPIO2-3
7
R/W
GPIO3_MODE
0: GPI: debouncing off
GPO: Sets output to passive level
1: GPI: debouncing on
GPO: Sets output to active level
6
R/W
GPIO3_TYPE
0: GPI/GPO: active low
1: GPI/GPO: active high
5:4
R/W
GPIO3_PIN
PIN assigned to:
00: GPI
01: Reserved
10: GPO (Open drain)
11: GPO (Push-pull)
3
R/W
GPIO2_MODE
0: GPI: debouncing off
GPO: Sets output to passive level
1: GPI: debouncing on
GPO: Sets output to active level
2
R/W
GPIO2_TYPE
0: GPI/GPO: active low
1: GPI/GPO: active high
1:0
R/W
GPIO2_PIN
PIN assigned to:
00: GPI
01: Reserved
10: GPO (Open drain)
11: GPO (Push-pull)
Register
Bit
Type
Label
Description
0x5A
GPI4
7:4
R/W
(reserved)
3
R/W
GPI4_MODE
0: GPI: debouncing off
1: GPI: debouncing on
2
R/W
GPI4_TYPE
0: GPI: active low
1: GPI: active high
1:0
R/W
GPI4_PIN
PIN assigned to:
00: GPI
01: Reserved
1x: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com