Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 61 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 61 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 54Page - Dialog Semiconductor DA9213 Datasheet HTML 55Page - Dialog Semiconductor DA9213 Datasheet HTML 56Page - Dialog Semiconductor DA9213 Datasheet HTML 57Page - Dialog Semiconductor DA9213 Datasheet HTML 58Page - Dialog Semiconductor DA9213 Datasheet HTML 59Page - Dialog Semiconductor DA9213 Datasheet HTML 60Page - Dialog Semiconductor DA9213 Datasheet HTML 61Page - Dialog Semiconductor DA9213 Datasheet HTML 62Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
61 of 62
© 2017 Dialog Semiconductor
11 Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
For details and availability, please consult Dialog Semiconductor
’s customer portal or your local sales
representative.
Table 16: Ordering Information
Part Number
Package
Package Description
Comment
Package
Outline
DA9213-xxUP2
66 WL-CSP
T&R, 4500pcs
Figure 30
DA9213-xxUP6
66 WL-CSP
Waffle
DA9214-xxUP2
66 WL-CSP
T&R, 4500pcs
DA9214-xxUP6
66 WL-CSP
Waffle
DA9215-xxUP2
66 WL-CSP
T&R, 4500pcs
DA9215-xxUP6
66 WL-CSP
Waffle
DA921yS-xxUPz
66 WL-CSP
T&R/Waffle
Adjustable Version VOUT 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com