Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 7Page - Dialog Semiconductor DA9213 Datasheet HTML 8Page - Dialog Semiconductor DA9213 Datasheet HTML 9Page - Dialog Semiconductor DA9213 Datasheet HTML 10Page - Dialog Semiconductor DA9213 Datasheet HTML 11Page - Dialog Semiconductor DA9213 Datasheet HTML 12Page - Dialog Semiconductor DA9213 Datasheet HTML 13Page - Dialog Semiconductor DA9213 Datasheet HTML 14Page - Dialog Semiconductor DA9213 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
11 of 62
© 2017 Dialog Semiconductor
3
Absolute Maximum Ratings
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Conditions (Note 1)
Min
Typ
Max
Unit
TSTG
Storage temperature
-65
+150
°C
TA_LIM
Limiting ambient
temperature
-40
+85
°C
VDD_LIM
Limiting supply voltage
-0.3
5.5
V
VPIN
Limiting voltage at all
pins except above
-0.3
VDD + 0.3
(max 5.5)
V
PTOT
Total power dissipation
Note 2
Derating factor above
TA = 70 °C: 37 mW/°C
2035
2590
mW
VESD_HBM
Electrostatic discharge
voltage
Human Body Model
2
kV
Note 1
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2
Obtained from simulation on a 2S2P 4L JEDEC Board (EIA/JESD51-2). Influenced by PCB technology
and layout.
4
Recommended Operating Conditions
Table 4: Recommended Operating Conditions (Note 1)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
2.8
5.5
V
VDDIO
Input/output supply
voltage
1.2
3.6
Note 2
Note 1
Within the specified limits, a lifetime of 10 years is guaranteed.
Note 2
VDDIO is not allowed to be higher than VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com