Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 44Page - Dialog Semiconductor DA9213 Datasheet HTML 45Page - Dialog Semiconductor DA9213 Datasheet HTML 46Page - Dialog Semiconductor DA9213 Datasheet HTML 47Page - Dialog Semiconductor DA9213 Datasheet HTML 48Page - Dialog Semiconductor DA9213 Datasheet HTML 49Page - Dialog Semiconductor DA9213 Datasheet HTML 50Page - Dialog Semiconductor DA9213 Datasheet HTML 51Page - Dialog Semiconductor DA9213 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
48 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
1110: 6800 mA
1111: 7000 mA
Register
Bit
Type
Label
Description
0xD1
BUCKA_CONF
7:5
R/W
BUCKA_DOWN
_CTRL
Buck A voltage ramping during power down
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs
101: 30 mV/µs
110: 40 mV/µs
111: no ramped power down
4:2
R/W
BUCKA_UP_C
TRL
Buck A voltage ramping during start up
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs (Note 1)
101: 30 mV/µs
110: 40 mV/µs
111: target voltage applied immediately (no soft start)
1:0
R/W
BUCKA_MODE
00: PFM/PWM mode controlled via voltage A and B
registers
01: Automatic mode
10: Buck A always operates in PWM mode
11: Automatic mode
Note 1
Settings higher than 20 mV/µs may cause significant overshoot
Register
Bit
Type
Label
Description
0xD2
BUCKB_CONF
7:5
R/W
BUCKB_DOWN
_CTRL
Buck B voltage ramping during power down
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs
101: 30 mV/µs
110: 40 mV/µs
111: no ramped power down
4:2
R/W
BUCKB_UP_C
TRL
Buck B voltage ramping during start up
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs (Note 2)
101: 30 mV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com