Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 31Page - Dialog Semiconductor DA9213 Datasheet HTML 32Page - Dialog Semiconductor DA9213 Datasheet HTML 33Page - Dialog Semiconductor DA9213 Datasheet HTML 34Page - Dialog Semiconductor DA9213 Datasheet HTML 35Page - Dialog Semiconductor DA9213 Datasheet HTML 36Page - Dialog Semiconductor DA9213 Datasheet HTML 37Page - Dialog Semiconductor DA9213 Datasheet HTML 38Page - Dialog Semiconductor DA9213 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
35 of 62
© 2017 Dialog Semiconductor
Table 11: 4-WIRE Interface Summary
Parameters
Signal lines
nCS
Chip select
SI Serial input data
Master out Slave in
SO Serial output data
Master in Slave out
SK
Transmission clock
Interface
Push-pull with tristate
Supply voltage
Selected from VDDIO
1.6 V to 3.3 V
Data rate
Effective read/write data
Up to 7 Mbps
Transmission
Half-duplex
MSB first
16-bit cycles
7-bit address, 1-bit read/write, 8-bit data
Configuration
CPOL
Clock polarity
CPHA
Clock phase
nCS_POL
nCS is active low/high
Note 1
Reading the same register at high clock rates directly after writing it does not guarantee a correct
value. It is recommended to keep a delay of one frame until re-accessing a register that has just been
written (for example, by writing/reading another register address in-between).
7.4.2
2-WIRE Communication
The IF_TYPE bit in the INTERFACE2 register can be used to configure the DA9213, DA9214, and
DA9215 control interface as a 2-WIRE serial data interface. In this case the GPIO3 and GPI4 are
free for regular input/output functions. DA9213, DA9214, and DA9215 has a configurable device
write address (default: 0xD0) and a configurable device read address (default: 0xD1). See control
IF_BASE_ADDR1 for details of configurable addresses. The ADDR_SEL_CONF bit is used to
configure the device address as IF_BASE_ADDR1 or IF_BASE_ADDR2 depending on the voltage
level applied at a configurable GPI port (see Section 7.2.4).
The SK port functions as the 2-WIRE clock and the SI port carries all the power manager
bidirectional 2-WIRE data. The 2-WIRE interface is open-drain supporting multiple devices on a
single line. The bus lines have to be pulled HIGH by external pull-up resist
ors (in the 2 kΩ to 20 kΩ
range). The attached devices only drive the bus lines LOW by connecting them to ground. As a result
two devices cannot conflict if they drive the bus simultaneously. In standard/fast mode the highest
frequency of the bus is 400 kHz. The exact frequency can be determined by the application and does
not have any relation to the DA9213, DA9214, and DA9215 internal clock signals. DA9213, DA9214,
and DA9215 will follow the host clock speed within the described limitations, and does not initiate any
clock arbitration or slow down. An automatic interface reset can be triggered using control
2WIRE_TO if the clock signal stops to toggle for more than 35 ms.
The interface supports operation compatible to Standard, Fast, Fast-Plus and High Speed mode of
the I
2C-bus specification Rev 4. Operation in high speed mode at 3.4 MHz requires mode changing in
order to set spike suppression and slope control characteristics to be compatible with the I
2C-bus
specification. The high speed mode can be enabled on a transfer by transfer basis by sending the
master code (0000 1XXX) at the beginning of the transfer. DA9213, DA9214, and DA9215 do not
make use of clock stretching, and deliver read data without additional delay up to 3.4 MHz.
Alternatively, PM_IF_HSM configures the interface to use high speed mode continuously. In this
case, the master code is not required at the beginning of every transfer. This reduces the
communication overhead on the bus but limits the slaves attachable to the bus to compatible
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com