Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 16Page - Dialog Semiconductor DA9213 Datasheet HTML 17Page - Dialog Semiconductor DA9213 Datasheet HTML 18Page - Dialog Semiconductor DA9213 Datasheet HTML 19Page - Dialog Semiconductor DA9213 Datasheet HTML 20Page - Dialog Semiconductor DA9213 Datasheet HTML 21Page - Dialog Semiconductor DA9213 Datasheet HTML 22Page - Dialog Semiconductor DA9213 Datasheet HTML 23Page - Dialog Semiconductor DA9213 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
20 of 62
© 2017 Dialog Semiconductor
7
Functional Description
Flexible configurability and the availability of different control schemes make both DA9213, DA9214,
and DA9215 the ideal single/dual buck companion ICs to expand the existing capabilities of a master
PMIC.
Due to the advanced compatibility between both DA9213, DA9214, and DA9215 and the DA9063,
they offer several advantages when they are operated together. These advantages include:
● DA9213, DA9214, and DA9215 can be enabled and controlled by DA9063 during the power up
sequence, thanks to DA9063’s dedicated output signals during power up, and compatible input
controls in both DA9213, DA9214, and DA9215.
● DA9213, DA9214, and DA9215 can be used in a completely transparent way for the host
processor and can share the same Control Interface (same SPI chip select or I
2C address),
thanks to the compatible registers map. DA9213, DA9214, and DA9215 have a dedicated
register space for configuration and control which doesn’t conflict with DA9063.
● DA9213, DA9214, and DA9215 support a power good configurable port for enhanced
communication to the host processor and improved power up sequencing.
● DA9213, DA9214, and DA9215 can both share the same interrupt line with DA9063.
In addition, the 2-WIRE / 4-WIRE interfaces allow DA9213, DA9214, and DA9215 to fit many
standard PMU parts and power applications.
Figure 13: Interface of DA9213/14/15 with DA9063 and the Host Processor
As shown in Figure 13, a typical application case includes a host processor, a Main PMIC (for
example, DA9063) and DA9213 or DA9214 used as companion IC for the high power core supply.
The easiest way of controlling DA9213, DA9214, and DA9215 is through the Control Interface. The
master initiating the communication must always be the host processor that reads and writes to the
DA9063
Host
Processor
nIRQ
nONKEY
nRESET
Vdd
VCharger
nSHUTDOWN
GPIOs
OUT_32K
Control IF
DA9213/
14/15
Control IF
GPIO9
nIRQ
PWR1_EN
nOFF
LID
GPI0 (enable)
IC_EN
PWR_EN
SYS_EN
GPI1 (voltage set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com