Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 21Page - Dialog Semiconductor DA9213 Datasheet HTML 22Page - Dialog Semiconductor DA9213 Datasheet HTML 23Page - Dialog Semiconductor DA9213 Datasheet HTML 24Page - Dialog Semiconductor DA9213 Datasheet HTML 25Page - Dialog Semiconductor DA9213 Datasheet HTML 26Page - Dialog Semiconductor DA9213 Datasheet HTML 27Page - Dialog Semiconductor DA9213 Datasheet HTML 28Page - Dialog Semiconductor DA9213 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
25 of 62
© 2017 Dialog Semiconductor
output voltage selectable for the buck rail (see VBUCKA_A and VBUCKA_B registers). In Track
Mode, only single ended remote sensing is possible.
In Track Mode, the content of the VBUCKA_SEL bit is ignored, as well as VBUCKA_A and
VBUCKA_B bits. They will become active again once the voltage track mode is disabled. The GPI0
does not generate any event in this case.
Figure 16: Concept of Control of the B
uck’s Output Voltage
7.1.4
Soft Start-Up
To limit in-rush current from VSYS, the buck converters can perform a soft start after being enabled.
The start-up behavior is a compromise between acceptable inrush current from the battery and turn
on time. In DA9213, DA9214, and DA9215, different ramp times can be individually configured for
each buck converter on register BUCKA_UP_CTRL and BUCKB_UP_CTRL. Rates higher than
20 mV/µs may produce overshoot during the start-up phase, so they should be considered carefully.
A ramped power down can be selected on register bits BUCKA_DOWN_CTRL and
BUCKB_DOWN_CTRL. When no ramp is selected, the output node will be discharged only by the
pull down resistor, if enabled via BUCKA_PD_DIS and BUCKB_PD_DIS.
7.1.5
Current Limit
The integrated current limit is meant to protect DA9213, DA9214, and DA9215
’s power stages and
the external coil fr
om excessive current. The bucks’ current limit should be configured to be at least
40 % higher than the required maximum continuous output current.
When reaching the current limit, each buck converter generates an event and an interrupt to the host
processor unless the interrupt has been masked using the OCx_MASK controls. These OCA_MASK
and OCB_MASK control bits can be used to mask the generation of over current events during DVC
transitions. An extra masking time as defined in OCx_MASK will be automatically added to the DVC
interval after the DVC has finished in order to ensure that the possible high current levels needed for
DVC do not influence the event generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com