Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 12Page - Dialog Semiconductor DA9213 Datasheet HTML 13Page - Dialog Semiconductor DA9213 Datasheet HTML 14Page - Dialog Semiconductor DA9213 Datasheet HTML 15Page - Dialog Semiconductor DA9213 Datasheet HTML 16Page - Dialog Semiconductor DA9213 Datasheet HTML 17Page - Dialog Semiconductor DA9213 Datasheet HTML 18Page - Dialog Semiconductor DA9213 Datasheet HTML 19Page - Dialog Semiconductor DA9213 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
16 of 62
© 2017 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIH_4WIRE
SK, nCS, SI
(4-WIRE Mode)
HIGH level input voltage
0.7* VDDIO
V
VIL_4WIRE
SK, nCS, SI
(4-WIRE Mode)
LOW level input voltage
0.3*VDDIO
V
VOH
GPO2-3, SO (4-WIRE
mode)
HIGH level output voltage
push-pull mode
at 1 mA
VDDIO ≥ 1.5 V
0.8*VDDIO
V
VOL1
GPO2-3, SDA (2-WIRE
mode) SO (4-WIRE mode)
LOW level output voltage
at IOL = 1 mA
0.3
V
VOL3
SDA (2-WIRE Mode)
LOW level output voltage
at IOL = 3 mA
0.24
V
VOL20
SDA (2-WIRE Mode)
LOW level output voltage
at IOL = 20 mA
0.4
V
CIN
CLK, SDA
(2-WIRE Mode)
input capacitance
2.5
10
pF
tSP
CLK, SDA
(2-WIRE Mode)
spike suppression pulse
width
Fast/Fast+ mode
High Speed mode
0
0
50
10
ns
tfDA
Fall time of SDA signal
(2-WIRE Mode)
Fast at CB < 550 pF
HS at 10 < CB < 100
pF
HS at CB < 400 pF
20+0.1CB
10
20
120
80
160
ns
Table 8: 2-WIRE Control Bus Characteristics
TA = -40 to +85 ºC
Parameter
Description
Conditions
Min
Typ
Max
Unit
tBUF
Bus free time from STOP
to START condition
0.5
µs
CB
Bus line capacitive load
150
pF
Standard/Fast/Fast+ Mode
fSCL
Clock frequency
At pin SCL
0
Note 1
1000
kHz
tSU_STA
START condition set-up
time
0.26
µs
tH_STA
START condition hold time
0.26
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com