Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 52Page - Dialog Semiconductor DA9213 Datasheet HTML 53Page - Dialog Semiconductor DA9213 Datasheet HTML 54Page - Dialog Semiconductor DA9213 Datasheet HTML 55Page - Dialog Semiconductor DA9213 Datasheet HTML 56Page - Dialog Semiconductor DA9213 Datasheet HTML 57Page - Dialog Semiconductor DA9213 Datasheet HTML 58Page - Dialog Semiconductor DA9213 Datasheet HTML 59Page - Dialog Semiconductor DA9213 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
56 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
00: none
01: GPO2
10: GPO3
11: reserved
1:0
R/W
READYA_CONF
Selection of the READY signal for Buck A
00: none
01: GPO2
10: GPO3
11: reserved
Register
Bit
Type
Label
Description
0x147
CONFIG_E
7
R/W
STAND_ALONE
0: DA9213, DA9214, and DA9215 is used as
companion IC to DA9063 or DA9063-compliant
1: DA9213, DA9214, and DA9215 is standalone or
as companion IC with another PMU not
DA9063-compliant
6:5
R/W
(reserved)
4:3
R/W
(reserved)
2:0
R/W
OSC_TUNE
Tune the main 6 MHz oscillator frequency:
000: no tune
001: +180 kHz
010: +360 kHz
011: +540 kHz
100: +720 kHz
101: +900 kHz
110: +1080 kHz
111: +1260 kHz
Register
Bit
Type
Label
Description
0x148
CONFIG_F
7:4
R/W
IF_BASE_ADDR2
If a second I
2C address is to be selected on
ADR_SEL_CONF, this field configures the second
address.
4 MSB of 2-WIRE control interfaces base address
XXXX0000
11010000 = 0xD0 write address of PM 2-WIRE
interface (page 0 and 1)
11010001 = 0xD1 read address of PM 2-WIRE
interface (page 0 and 1)
11010010 = 0xD2 write address of PM-2-WIRE
interface (page 2 and 3)
11010011 = 0xD3 read address of PM-2-WIRE
interface (page 2 and 3)
Code ‘0000’ is reserved for unprogrammed OTP
(triggers start-up with hardware default interface
address)
3:2
R
(reserved)
1
R/W
ADDR_SEL_CONF
Selects the GPI for the alternative I
2C address
selection:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com