Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 24Page - Dialog Semiconductor DA9213 Datasheet HTML 25Page - Dialog Semiconductor DA9213 Datasheet HTML 26Page - Dialog Semiconductor DA9213 Datasheet HTML 27Page - Dialog Semiconductor DA9213 Datasheet HTML 28Page - Dialog Semiconductor DA9213 Datasheet HTML 29Page - Dialog Semiconductor DA9213 Datasheet HTML 30Page - Dialog Semiconductor DA9213 Datasheet HTML 31Page - Dialog Semiconductor DA9213 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
28 of 62
© 2017 Dialog Semiconductor
7.2.4
GPIO Extender
DA9213, DA9214, and DA9215 include a GPIO extender that offers up to five 5 V-tolerant general
purpose input/output ports. Each port is controlled via registers from the host processor.
The GPIO3 and GPI4 ports are pin-shared with the 4-WIRE Control Interface. For instance, if
GPIO3_PIN = 01, GPI4_PIN = 01 (Interface selected), the GPIO3 and GPI4 ports will be exclusively
dedicated to output and chip select signaling for 4-WIRE purposes. If the alternative function is
selected, all GPIOs configuration as per registers 0x58 to 0x5A and 0x145 will be ignored.
GPIs are supplied from the internal rail VDDCORE or VDDIO (selected via GPI_V) and can be
configured to be active high or active low (selected via GPIOx_TYPE). The input signals can be
debounced or directly change the state of the assigned status register GPIx to high or low, according
to the setting of GPIOx_MODE. The debouncing time is configurable via control DEBOUNCE
(10 ms default).
Whenever the status has changed to its configured active state (edge sensitive), the assigned event
register is set and the nIRQ signal is asserted (unless this nIRQ is masked, see also Figure 18).
Whenever DA9213, DA9214, and DA9215 is enabled and enters ON mode (also when enabled
changing the setting of GPIOx_PIN) the GPI status bits are initiated towards their configured passive
state. This ensures that already active signals are detected, and that they create an event
immediately after the GPI comparators are enabled.
The buck enable signal (BUCKx_EN) can be controlled directly via a GPI, if so configured in the
BUCKA_GPI and BUCKB_GPI registers. If it is required that GPI ports do not generate an event
when configured for the HW control of the switching regulator, the relative mask bit should be set.
GPIs can alternatively be selected to toggle the VBUCKA_SEL and VBUCKB_SEL from rising and
falling edges at these inputs. Apart from changing the regulator output voltage this also provides
hardware control of the regulator mode (normal/low power mode) from the settings of BUCKA_SL_A,
BUCKA_SL_B, BUCKB_SL_A, and BUCKB_SL_B (enabled if BUCKA_MODE or BUCKB_MODE =
‘00’).
All GPI ports have the additional option of activating a 100 kΩ pull-down resistor via GPIOx_PUPD,
which ensures a well-defined level in case the input is not actively driven.
If enabled via ADDR_SEL_CONF, the I
2C address selection can be assigned to a specific GPI. An
active voltage level at the selected GPI configures the slave address of DA9213, DA9214, and
DA9215 to IF_BASE_ADDR1 while a passive voltage level configures the slave address to
IF_BASE_ADDR2. If no GPI is selected then the IF_BASE_ADDR1 is automatically used.
If defined as an output, GPIOs can be configured to be open-drain or push-pull. If configured as push
pull, the supply rail is VDDIO. By disabling the internal 120 kΩ pull-up resistor in open-drain mode,
the GPO can also be supplied from an external rail. The output state will be assigned as configured
by the GPIO register bit GPIOx_MODE.
A specific power good port for each of the buck converters can be configured via BUCKA_PG_SEL
and BUCKB_PG_SEL. The respective port must be configured as GPO for correct operation. If
assigned to the same GPO, it is necessary that the power good indicators for Buck A and Buck B are
both active (supply voltages in range) to assert the overall power good. The signal will be released as
soon as one of the single power good signals is not active (that is, at least one supply is out of
range).
The power good signaling should not be used in conjunction with fast start up rates, configured in
BUCKx_UP_CTRL register fields.
Once enabled via RELOAD_FUNC_EN the GPIO0 can be used as input port to operate a partial
OTP download. When the input level is changed to active, the registers 0x5D, 0x5E, 0xD1 to 0xDA
are updated to their OTP default. This allows a complete buck re-configuration that resets all the
changes done to those registers previously (soft reset). If the buck should be kept on during the soft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com