Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 48Page - Dialog Semiconductor DA9213 Datasheet HTML 49Page - Dialog Semiconductor DA9213 Datasheet HTML 50Page - Dialog Semiconductor DA9213 Datasheet HTML 51Page - Dialog Semiconductor DA9213 Datasheet HTML 52Page - Dialog Semiconductor DA9213 Datasheet HTML 53Page - Dialog Semiconductor DA9213 Datasheet HTML 54Page - Dialog Semiconductor DA9213 Datasheet HTML 55Page - Dialog Semiconductor DA9213 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
52 of 62
© 2017 Dialog Semiconductor
8.1.4
Register Page 2
Register
Bit
Type
Label
Description
0x100
PAGE_CON
7
R/W
REVERT
Resets REG_PAGE to 000 after read/write access has
finished
6
R/W
WRITE_MODE
2-WIRE multiple write mode
0: Page Write Mode
1: Repeated Write Mode
5:3
R/W
(reserved)
2:0
R/W
REG_PAGE
I
2C
00x: Selects Register 0x00 to 0xFF
01x: Selects Register 0x100 to 0x17F
SPI
000: Selects Register 0x00 to 0x7F
001: Selects Register 0x80 to 0xFF
010: Selects Register 0x100 to 0x17F
>010: Reserved for production and test
8.1.4.1
Interface and OTP Settings (shared with DA9063)
Register
Bit
Type
Label
Description
0x101
OTP_CONT
7:4
R/W
(reserved)
3
R/W
PC_DONE
Asserted from Power Commander software after the
emulated OTP read has finished, automatically cleared
when leaving emulated OTP read
2
R/W
OTP_APPS_RD
Reads on assertion application specific registers 0x105,
0x106, 0x143 to 0x149 and OTP_APPS_LOCK) from
OTP
1
R/W
(reserved)
0
R/W
OTP_TIM
OTP read timing:
0: normal read
1: marginal read (for OTP fuse verification)
Register
Bit
Type
Label
Description
0x105
INTERFACE
7:4
R/W
IF_BASE_ADD
R1
4 MSB of 2-WIRE control interfaces base address
XXXX0000
11010000 = 0xD0 write address of PM 2-WIRE
interface (page 0 and 1)
11010001 = 0xD1 read address of PM 2-WIRE
interface (page 0 and 1)
11010010 = 0xD2 write address of PM-2-WIRE
interface (page 2 and 3)
11010011 = 0xD3 read address of PM-2-WIRE
interface (page 2 and 3)
Code
‘0000’ is reserved for unprogrammed OTP
(triggers start-up with hardware default interface
address)
3
R/W
R/W_POL
4-WIRE: Read/Write bit polarity
0: Host indicates reading access via R/W bit = ‘0’
1: Host indicates reading access via R/W bit = ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com