Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 32Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 29 of 43
23
7:6 HS_AMPLITUDE_DS4
b’00
HS driver amplitude control; HS driver current: +0% to +7.5%
b’00: Default
b’01: +2.5%
b’10: +5%
b’11: +7.5%
5:4 HS_AMPLITUDE_DS3
b’00
3:2 HS_AMPLITUDE_DS2
b’00
1:0 HS_AMPLITUDE_DS2
b’00
24
7:6 HS_AMPLITUDE_US
b’00
5:2 HS_SLOPE
b'0100 HS driver slope control for all ports
b’0000: +15%
b’0001: +5%
b’0100: Default
b’0101: -5%
b’1111: -7.5%
1:0 HS_TX_VREF
b’10
Reference voltage for HS squelch (transmission envelope
detector) for all ports
b’00: 96 mV
b’01: 108 mV
b’10: 120 mV
b’11: 132 mV
25
7:3 HS_PREEMP_EN[4:0]
b’00000 HS driver pre-emphasis enable – for ports DS4, DS3, DS2, DS1,
and US
0: pre-emphasis is disabled
1: pre-emphasis is enabled
2
HS_PREEMP_DEPTH_DS4[17]
0
HS driver pre-emphasis depth
0: +10%
1: +20%
1
HS_PREEMP_DEPTH_DS3[17]
0
0
HS_PREEMP_DEPTH_DS2[17]
0
26
7
HS_PREEMP_DEPTH_DS1[17]
0
6
HS_PREEMP_DEPTH_US[17]
0
5
Reserved
1
Reserved
4:1 PCS_TX_DEEMPH_DS4
0x6
USB 3.0 Tx driver de-emphasis value
0x3: -2.75 dB
0x6: -3.4 dB (Default)
0x9: -4.0 dB
0
Reserved
0
Reserved
27
7:4 PCS_TX_DEEMPH_DS3
0x6
USB 3.0 Tx driver de-emphasis value
0x3: -2.75 dB
0x6: -3.4 dB (Default)
0x9: -4.0 dB
3:0 PCS_TX_DEEMPH_DS2
0x6
28
7:4 PCS_TX_DEEMPH_DS1
0x6
3:0 PCS_TX_DEEMPH_US
0x6
29
7
Reserved
0
Reserved
6
Reserved
1
Reserved
5:0 PCS_TX_SWING_FULL_DS4
0x29
Adjust launch amplitude of the transmitter
0x1F – 0.9 V
0x29 – 1.0 V (Default)
0x35 – 1.1 V
0x3F – 1.2 V
30
7:6 Reserved
0
Reserved
5:0 PCS_TX_SWING_FULL_DS3
0x29
Adjust launch amplitude of the transmitter
0x1F – 0.9 V
0x29 – 1.0 V (Default)
0x35 – 1.1 V
0x3F – 1.2 V
Table 7. EEPROM Map (continued)
I2C Offset Bits
Name
Default
Description
Note
17. HS_PREEMP_DEPTH is valid only when corresponding HS_PREEMP_EN is set for that port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com