Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 32Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 33Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 34Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 35Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 32 of 43
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature................................... –65 °C to +150 °C
Operating temperature .............................. –40 °C to +85 °C
Electrostatic discharge voltage ................................. 2200 V
Oscillator or crystal frequency ................. 26 MHz ±150 ppm
I/O voltage supply ...............................................3 V to 3.6 V
Maximum input sink current per I/O .............................. 4 mA
Electrical Specifications
HX3 meets all USB-IF Electrical Compliance specifications.
DC Electrical Characteristics
Table 8. DC Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
DVDD12
1.2 V core supply
–
1.14
1.2
1.26
V
VDD_EFUSE
eFuse supply
Normal operation
1.14
1.2
1.26
V
Programming
2.5
2.6
2.7
V
AVDD12
1.2 V analog supply
–
1.14
1.2
1.26
V
VDD_IO
3.3 V I/O supply
–
3
3.3
3.6
V
AVDD33
3.3 V analog supply
–
3
3.3
3.6
V
VIH
Input HIGH voltage
–
0.7 × VDD_IO
–
VDD_IO
V
VIL
Input LOW voltage
–
0
–
0.3 × VDD_IO
V
VOH
Output HIGH voltage
Output HIGH voltage at IOH  +4 mA
2.4
–
–
V
VOL
Output LOW voltage
Output LOW voltage at IOL –4 mA
–
–
0.4
V
IOS
Input sink current
LED GPIO usage
–
–
4
mA
IIX
Input leakage current
All I/O signals held at VDD_IO or
GND
–1
–
1
µA
IOZ
Output HI-Z leakage current
–
–
–
10
µA
ICC
1.2 V supplies combined
operating current
–
–
410
526
mA
ICC
3.3 V supplies combined
operating current
–
–
260
286
mA
VRAMP
Voltage ramp rate on core and I/O
supplies
Voltage ramp must be monotonic
0.2
–
50
V/ms
VN
Noise level permitted on core and
I/O supplies
Max p-p noise level permitted on all
supplies except AVDD
–
–
100
mV
VN_USB
Noise level permitted on AVDD12
and AVDD33 supply
Max p-p noise level permitted USB
supply
–
–
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com