Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 18Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 22 of 43
DS3_GREEN[9]
I/O
64
B8
CYUSB3312/3314/3324: LED_GREEN output for DS3 port
DS3_VBUSEN_SL[9]
CYUSB3328: VBUS power enable output for SS port 3
VID_SEL[1][10]
This pin is called VID_SEL[1] in the pin-strap configuration mode. For
pin-strap configuration details, refer to Table 6 on page 25.
DS3_LED_SS[9]
I/O
63
B9
LED_SS output for DS3 port
PIN_STRAP[10]
This pin is called PIN_STRAP in pin-strap configuration mode. When
connected to VDD_IO through a 10-k
 resistor, this pin enables
pin-strap configuration mode for HX3.
DS4 Port
NC
DS4_RXP
I
20
K4
SuperSpeed receive plus
NC
DS4_RXM
I
19
K5
SuperSpeed receive minus
NC
DS4_TXP
O
16
K1
SuperSpeed transmit plus
NC
DS4_TXM
O
17
K2
SuperSpeed transmit minus
NC
DS4_DP
I/O
81
A3
USB 2.0 data plus
NC
DS4_DM
I/O
82
A2
USB 2.0 data minus
DS4_OVRCURR
I
36
F6
CYUSB3314/3324/3326/3328: Overcurrent detect input for DS4 port.
CYUSB3312: This pin must be pulled HIGH using a 10 k
 to VDD_IO.
DS4_PWREN/PWR_EN4
I/O
35
G7
VBUS power enable output for DS4 port. This pin is also used as power
enable output when configured in ganged power mode using the Blaster
Plus tool. When the port is disabled, this pin is in tristate.
DS4_CDP_EN[10]
This pin is called DS4_CDP_EN in the pin-strap configuration mode.
DS4_AMBER[9]
I/O
30
J4
LED_AMBER output for DS4 port
I2C_DEV_ID[10]
This pin is called I2C_DEV_ID in the pin-strap configuration mode.
DS4_GREEN[9]
I/O
43
H9
CYUSB3312/3314/3324: LED_GREEN output for DS4 port
DS4_VBUSEN_SL
CYUSB3328: VBUS power enable output for SS port 4
VID_SEL[0][10]
This pin is called VID_SEL[0] in the pin-strap configuration mode.
DS4_LED_SS
I/O
26
H4
LED_SS output for DS4 port. The LED must be connected to GND as
shown in Figure 16 on page 25. If LED is not used, this pin must be pulled
HIGH using a 10 k
 to VDD_IO.
RESERVED1
I
27
G4
This pin must be pulled HIGH using a 10 k
 to VDD_IO.
Mode Select, Clock, and Reset
MODE_SEL[0]
I
28
G5
Device operation mode select bit 0; refer to Table 5 on page 24
MODE_SEL[1]
I
29
F4
Device operation mode select bit 1; refer to Table 5 on page 24
XTL_OUT
A
68
E6
Crystal out
XTL_IN
A
69
E5
Crystal in
RESETN
I
37
F7
Active LOW reset input
I2C_CLK
I/O
40
J6
I2C clock
I2C_DATA
I/O
41
G8
I2C data
Table 4. 88-Pin QFN, 100-Ball BGA Pinout for CYUSB331X and CYUSB332X (continued)
Pin Name
Type
Pin#
Ball#
Description
CYUSB3312
CYUSB3314
CYUSB3324
CYUSB3326
CYUSB3328
Notes
9. This pin can be configured as a GPIO using custom firmware. For information contact www.cypress.com/support.
10. For pin-strap configuration details, refer to Table 6 on page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com